Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 36 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 36 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 32Page - fujitsu semiconductor MB91155 Datasheet HTML 33Page - fujitsu semiconductor MB91155 Datasheet HTML 34Page - fujitsu semiconductor MB91155 Datasheet HTML 35Page - fujitsu semiconductor MB91155 Datasheet HTML 36Page - fujitsu semiconductor MB91155 Datasheet HTML 37Page - fujitsu semiconductor MB91155 Datasheet HTML 38Page - fujitsu semiconductor MB91155 Datasheet HTML 39Page - fujitsu semiconductor MB91155 Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 105 page
background image
MB91F155A/MB91155/MB91154
36
s
s
s
s PERIPHERAL RESOURCES
1.
I/O Port
(1) Port Block Diagram
This LSI is available as an I/O port when the resource associated with each pin is set not to use a pin for input/
output.
The pin level is read from the port (PDR) when it is set for input. When the port is set for output, the value in the
data register is read. The same also applies to reload by read modify write.
When switching from input to output, output data is set in the data register beforehand. However, if a read modify
write instruction (such as bit set) is used at that time, keep in mind that it is the input data from the pin that is
read, not the latch value of the data register.
• Basic I/O Port
Figure PORT-1 Basic port block
The I/O port consists of the PDR (Port Data Register) and the DDR (Data Direction Register) .
Notes : AIC controls switching between the resource and port of the analog pin (A/D) .
AICK (Analog Input Control register on port-K)
The register controls whether port K should be used for analog input or as a general-purpose port.
0 : General-purpose port
1 : Analog input (A/D)
In input mode (DDR
= “0”) → PDR read : Reads the level of the corresponding external pin.
PDR write : Writes the set value to the PDR.
In output mode (DDR
= “1”) → PDR read : Reads the PDR value.
PDR write : Outputs the PDR value to the corresponding external pin.
Data bus
PDR read
0
1
0
1
pin
PDR
DDR
PDR : Port Data Register
DDR : Data Direction Register
Resource input
Resource output
Resource output
allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com