Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 31 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 31 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 27Page - fujitsu semiconductor MB91155 Datasheet HTML 28Page - fujitsu semiconductor MB91155 Datasheet HTML 29Page - fujitsu semiconductor MB91155 Datasheet HTML 30Page - fujitsu semiconductor MB91155 Datasheet HTML 31Page - fujitsu semiconductor MB91155 Datasheet HTML 32Page - fujitsu semiconductor MB91155 Datasheet HTML 33Page - fujitsu semiconductor MB91155 Datasheet HTML 34Page - fujitsu semiconductor MB91155 Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 105 page
background image
MB91F155A/MB91155/MB91154
31
(Continued)
Address
Register
Block
000488H
PTCR (R/W)
00XX0XXX
PLL Control
00048CH
to
0005FCH
Reserved
000600H
DDR3 (W)
00000000
DDR2 (W)
00000000

Data Direction
Register
000604H
DDR6 (W)
00000000
DDR5 (W)
00000000
DDR4 (W)
00000000
000608H
DDR8 (W)
- 0000000
00060CH
ASR1 (W)
00000000 00000001
AMR1 (W)
00000000 00000000
T-unit
000610H
ASR2 (W)
00000000 00000010
AMR2 (W)
00000000 00000000
000614H
ASR3 (W)
00000000 00000011
AMR3 (W)
00000000 00000000
000618H
ASR4 (W)
00000000 00000100
AMR4 (W)
00000000 00000000
00061CH
ASR5 (W)
00000000 00000101
AMR5 (W)
00000000 00000000
000620H
AMD0 (R/W)
- - - 00111
AMD1 (R/W)
0 - - 00000
AMD32 (R/W)
00000000
AMD4 (R/W)
0 - - 00000
000624H
AMD5 (R/W)
0 - - 00000
000628H
EPCR0 (W)
- - - - 1100 -1111111
EPCR1 (W)
- - - - - - - - 11111111
00062CH
Reserved
000630H
PCR6 (R/W)
00000000
Pull Up Control
000634H
to
0007BCH
Reserved
0007C0H
FLCR (R/W, R)
000XXXX0
FLASH Control
0007C4H
FWTC (R/W, W)
- - - - - 000
0007C8H
to
0007F8H
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com