Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 23Page - fujitsu semiconductor MB91155 Datasheet HTML 24Page - fujitsu semiconductor MB91155 Datasheet HTML 25Page - fujitsu semiconductor MB91155 Datasheet HTML 26Page - fujitsu semiconductor MB91155 Datasheet HTML 27Page - fujitsu semiconductor MB91155 Datasheet HTML 28Page - fujitsu semiconductor MB91155 Datasheet HTML 29Page - fujitsu semiconductor MB91155 Datasheet HTML 30Page - fujitsu semiconductor MB91155 Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 105 page
background image
MB91F155A/MB91155/MB91154
27
(Continued)
Address
Register
Block
000044H
TMRLR3 (W)
XXXXXXXX XXXXXXXX
TMR3 (R)
XXXXXXXX XXXXXXXX
Reload Timer 3
000048H
TMCSR3 (R/W)
- - - - 0000 00000000
00004CH
CDCR1 (R/W)
0 - - - 0000
CDCR0 (R/W)
0 - - - 0000
Communications
prescaler 1
000050H
CDCR3 (R/W)
0 - - - 0000
CDCR2 (R/W)
0 - - - 0000
000054H
to
000058H
Reserved
00005CH
RCR1 (W)
00000000
RCR0 (W)
00000000
UDCR1 (R)
00000000
UDCR0 (R)
00000000
8/16 bit U/D Counter
000060H
CCRH0 (R/W)
00000000
CCRL0 (R/W, W)
- 000X000
CSR0 (R/W, R)
00000000
000064H
CCRH1 (R/W)
- 0000000
CCRL1 (R/W, W)
- 000X000
CSR1 (R/W, R)
00000000
000068H
IPCP1 (R)
XXXXXXXX XXXXXXXX
IPCP0 (R)
XXXXXXXX XXXXXXXX
16 bit ICU
00006CH
IPCP3 (R)
XXXXXXXX XXXXXXXX
IPCP2 (R)
XXXXXXXX XXXXXXXX
000070H
ICS23 (R/W)
00000000
ICS01 (R/W)
00000000
000074H
OCCP1 (R/W)
XXXXXXXX XXXXXXXX
OCCP0 (R/W)
XXXXXXXX XXXXXXXX
16 bit OCU
000078H
OCCP3 (R/W)
XXXXXXXX XXXXXXXX
OCCP2 (R/W)
XXXXXXXX XXXXXXXX
00007CH
OCCP5 (R/W)
XXXXXXXX XXXXXXXX
OCCP4 (R/W)
XXXXXXXX XXXXXXXX
000080H
OCCP7 (R/W)
XXXXXXXX XXXXXXXX
OCCP6 (R/W)
XXXXXXXX XXXXXXXX
000084H
OCS2, 3 (R/W)
XXX00000 0000XX00
OCS0, 1 (R/W)
XXX00000 0000XX00
000088H
OCS6, 7 (R/W)
XXX00000 0000XX00
OCS4, 5 (R/W)
XXX00000 0000XX00
00008CH
TCDT (R/W)
00000000 00000000
TCCS (R/W)
0 - - - - - - - 00000000
16 bit Freerun Timer
000090H
STPR0 (R/W)
0000 - - - -
STPR1 (R/W)
00000000
STPR2 (R/W)
000000 - -
Stop Register 0, 1, 2
000094H
GCN1 (R/W)
00110010 00010000
GCN2 (R/W)
00000000
PPG ctl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com