Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 64 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 64 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 60Page - fujitsu semiconductor MB91155 Datasheet HTML 61Page - fujitsu semiconductor MB91155 Datasheet HTML 62Page - fujitsu semiconductor MB91155 Datasheet HTML 63Page - fujitsu semiconductor MB91155 Datasheet HTML 64Page - fujitsu semiconductor MB91155 Datasheet HTML 65Page - fujitsu semiconductor MB91155 Datasheet HTML 66Page - fujitsu semiconductor MB91155 Datasheet HTML 67Page - fujitsu semiconductor MB91155 Datasheet HTML 68Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 105 page
background image
MB91F155A/MB91155/MB91154
64
• Register List
ASR1
AMR1
ASR2
AMR2
ASR3
AMR3
ASR4
AMR4
ASR5
AMR5
AMD0
AMD1
AMD32
AMD4
AMD5
EPCR0
(W)
(W)
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
bit 16
bit 31
bit 0
00000000 B
00000001 B
00000000 B
00000010 B
(W)
00000000 B
00000000 B
(W)
00000000 B
00000011 B
(W)
00000000 B
00000000 B
(W)
(W)
00000000 B
00000100 B
(W)
00000000 B
00000000 B
00000000 B
00000000 B
(W)
00000000 B
00000000 B
(W)
00000000 B
00000101 B
(W)
-------- B
11111111 B
(W)
----1100 B
-1111111 B
---00111 B
0--00000 B
00000000 B
0--00000 B
0--00000 B
0000060CH
0000060DH
0000060EH
0000060FH
00000610H
00000611H
00000612H
00000613H
00000614H
00000615H
00000616H
00000617H
00000618H
00000619H
0000061AH
0000061BH
0000061CH
0000061DH
0000061EH
0000061FH
00000628H
00000629H
0000062AH
0000062BH
00000620H
00000621H
00000622H
00000623H
00000624H
000007FEH
EPCR1
LER
MODR
(W)
(W)
-----000 B
XXXXXXXXB
000007FFH
Address
Initial value
() : Access
R/W : Read/Write enabled
W : Write only
 : Not in use
X
: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com