Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 85 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 85 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 81Page - fujitsu semiconductor MB91155 Datasheet HTML 82Page - fujitsu semiconductor MB91155 Datasheet HTML 83Page - fujitsu semiconductor MB91155 Datasheet HTML 84Page - fujitsu semiconductor MB91155 Datasheet HTML 85Page - fujitsu semiconductor MB91155 Datasheet HTML 86Page - fujitsu semiconductor MB91155 Datasheet HTML 87Page - fujitsu semiconductor MB91155 Datasheet HTML 88Page - fujitsu semiconductor MB91155 Datasheet HTML 89Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 105 page
background image
MB91F155A/MB91155/MB91154
85
5.
AC Characteristics
(1) Clock Timing Ratings
(VCC
= 3.15 V to 3.6 V, VSS = AVSS = 0 V, TA = 0 °C to +70 °C)
*1 : The target analog section is the A/D.
*2 : The maximum external bus operating frequency allowed is 25 MHz.
*3 : The value when a minimum clock frequency of 10 MHz is input to X0 and half a division of the oscillator circuit
and the 1/8 gear are in use.
Parameter
Sym-
bol
Pin
name
Condition
Value
Unit
Remarks
Min
Max
Clock frequency
(High speed and self
oscillation)
fC
X0, X1
10
16.5
MHz
Range in which self
oscillation is allowed
Clock frequency
(High speed and PLL in use)
Range in which self
oscillation and the
use of the PLL for
external clock input
are allowed
Clock frequency
(High speed an 1/2 division
input)
10
18
MHz
Range in which
external clocks can
be input
Clock frequency
(For calendar macro)
fCA
X0A,
X1A
32
kHz
Self oscillation and
external clocks
Clock cycle time
tC
X0, X1
55.6
100
ns
Clock pulse width
PWH
X0, X1
25
PWL
15
Input clock rising
tcr
X0, X1
8(tcr + tcf)
Input clock falling
tcf
Internal
operating clock
frequency
CPU
system
fCP
One wait is
set with the
wait
controller.
0.625*3
33
MHz
Bus
system
fCPB
0.625*3
25*2
Peripheral
system
fCPP
0.625*3
33
Analog section
excluded. *1
1
33
Analog section *1
Internal operat-
ing clock cycle
time
CPU
system
tCP
30.3
1600*3
ns
Bus
system
tCPB
40*2
1600*3
Peripheral
system
tCPP
30.3
1600*3
Analog section
excluded. *1
30.3
1000
section *1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com