Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 18Page - fujitsu semiconductor MB91155 Datasheet HTML 19Page - fujitsu semiconductor MB91155 Datasheet HTML 20Page - fujitsu semiconductor MB91155 Datasheet HTML 21Page - fujitsu semiconductor MB91155 Datasheet HTML 22Page - fujitsu semiconductor MB91155 Datasheet HTML 23Page - fujitsu semiconductor MB91155 Datasheet HTML 24Page - fujitsu semiconductor MB91155 Datasheet HTML 25Page - fujitsu semiconductor MB91155 Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 105 page
background image
MB91F155A/MB91155/MB91154
22
• Condition Code Register (CCR)
• System condition Code Register (SCR)
• Interrupt Level Mask register (ILM)
S flag
: Designates the stack pointer for use as R15.
I flag
: Controls enabling and disabling of user interrupt requests.
N flag
: Indicates the sign when arithmetic operation results are considered to be an integer represented
by 2’s complement.
Z flag
: Indicates if arithmetic results were “0.”
V flag
: Considers the operand used for an arithmetic operation to be an integer represented by 2’s com-
plement and indicates if the operation resulted in an overflow.
C flag
: Indicates whether or not an arithmetic operation resulted in a carry or a borrow from the most sig-
nificant bit.
T flag
: Designates whether or not to enable step trace trap.
ILM4 to ILM0
: Holds an interrupt level mask value to be used for level masking.
An interrupt request is accepted only if the corresponding interrupt level among interrupt
requests input to the CPU is higher than the value indicated by the ILM register.
ILM4
ILM3
ILM2
ILM1
ILM0
Interrupt level
High-Low
00000
0
Higher
01000
15
1
1
1
1
1
31
Lower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com