Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 55 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 55 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 51Page - fujitsu semiconductor MB91155 Datasheet HTML 52Page - fujitsu semiconductor MB91155 Datasheet HTML 53Page - fujitsu semiconductor MB91155 Datasheet HTML 54Page - fujitsu semiconductor MB91155 Datasheet HTML 55Page - fujitsu semiconductor MB91155 Datasheet HTML 56Page - fujitsu semiconductor MB91155 Datasheet HTML 57Page - fujitsu semiconductor MB91155 Datasheet HTML 58Page - fujitsu semiconductor MB91155 Datasheet HTML 59Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 105 page
background image
MB91F155A/MB91155/MB91154
55
7.
8/10-bit A/D Converter (Sequential Conversion Type)
The A/D converter is a module that converts analog input voltage into a digital value. Its features are as follows :
• A minimum conversion time of 5.0
µs/ch. (Including sampling time at a 33 MHz machine clock)
• Contains a sample and hold circuit.
• Resolution : 10 or 8 bits selectable.
• Selection of analog input from eight channels by program
• DMA transfer can be invoked by interrupt.
• Selection of an invoking factor from software, external pin trigger (falling edge) , and 16-bit reload timer (rising
edge) .
• Block Diagram
Single conversion mode :
Selects and converts one channel.
Continuous conversion mode : Converts a specified channel repeatedly.
Stop and convert mode :
Stops after converting one channel and stands by until invoked the next time.
(Conversion invoking can be synchronized.)
φ
MP
Comparator
Data register
A/D control register 1
A/D control register 2
Sample & hold circuit
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
ADCR
D/A converter
Sequential compare
register
Input
circuit
ADCS1
, 2
Operating clock
Prescaler
16-bit reload timer 2
External pin trigger
AVSS AVR
± AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com