Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 12Page - fujitsu semiconductor MB91155 Datasheet HTML 13Page - fujitsu semiconductor MB91155 Datasheet HTML 14Page - fujitsu semiconductor MB91155 Datasheet HTML 15Page - fujitsu semiconductor MB91155 Datasheet HTML 16Page - fujitsu semiconductor MB91155 Datasheet HTML 17Page - fujitsu semiconductor MB91155 Datasheet HTML 18Page - fujitsu semiconductor MB91155 Datasheet HTML 19Page - fujitsu semiconductor MB91155 Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
MB91F155A/MB91155/MB91154
16
mode, the X1 pin stops when “H” is input in STOP mode. To prevent one output from competing against another,
an external resistor of about 1 k
Ω should be provided.
The following figure shows an example usage of an external clock.
Figure 2.1 An example usage of an external clock
4.
Care During Powering Up
• When powering up
When turning on the power supply, never fail to start from setting the RST pin to “L” level. And after the power
supply voltage goes to VCC level, at least after ensuring the time for 5 machine cycle, then set to “H” level.
• Source oscillation input
At turning on the power supply, never fail to input the clock before cancellation of the oscillation stabilizing
waiting.
• Power on resetting
When powering up or when turning the power back on after the supply voltage drops below the operation
assurance range, be sure to reset the power.
• Power on sequence
Turn on the power in the order of VCC, AVCC and AVRH. The power should be disconnected in inverse order.
• Even when an AD converter is not in use, connect AVCC to the VCC level and AVSS to the VSS level.
• Even when a DA converter is not in use, connect DAVC to the VCC level and DAVS to the VSS level.
5.
When the Clock Function (Calendar Macro) Is Not in Use
Not using the clock function, the clock oscillation pin must be configured as shown below.
X0
X1
MB91F155A/MB91155/MB91154
X0A
X1A
MB91F155A/MB91155/MB91154
OPEN
This product type does not allow the clock crystal oscillator to be stopped with software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com