Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 68 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 68 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 64Page - fujitsu semiconductor MB91155 Datasheet HTML 65Page - fujitsu semiconductor MB91155 Datasheet HTML 66Page - fujitsu semiconductor MB91155 Datasheet HTML 67Page - fujitsu semiconductor MB91155 Datasheet HTML 68Page - fujitsu semiconductor MB91155 Datasheet HTML 69Page - fujitsu semiconductor MB91155 Datasheet HTML 70Page - fujitsu semiconductor MB91155 Datasheet HTML 71Page - fujitsu semiconductor MB91155 Datasheet HTML 72Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 105 page
background image
MB91F155A/MB91155/MB91154
68
14. Calendar Macro
This macro is a calendar macro with a basic clock of 32.768 kHz.
The macro accomplishes clock functions including, year, month, date, hour, minutes, seconds, day of the week,
and leap years.
The macro counts the last two digits of calendar years 0 through 99.
• Block Diagram
• Register List
32 kHz
Oscillator
Calendar circuit
Bus
controller
D
b
u
s
bit15
Address
bit8
bit17
bit0
Initial value
CAC
CA1
CA2
CA3
CA4
CA5
CA6
CA7
CAS
000210H
000211H
00000000B ( R/W )
- - XXXXXXB ( R/W )
000212H
000213H
- - XXXXXXB ( R/W )
- - - XXXXXB ( R/W )
000214H
000215H
- - -XXXXXB ( R/W )
- - - - - XXXB ( R/W )
000216H
000217H
- - - - XXXXB ( R/W )
- XXXXXXXB ( R/W )
00021FH
0 - - - - - - 0B ( R/W )
() : Access
R/W : Read/Write enabled
 : Not in use
X
: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com