Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 101 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 101 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 97Page - fujitsu semiconductor MB91155 Datasheet HTML 98Page - fujitsu semiconductor MB91155 Datasheet HTML 99Page - fujitsu semiconductor MB91155 Datasheet HTML 100Page - fujitsu semiconductor MB91155 Datasheet HTML 101Page - fujitsu semiconductor MB91155 Datasheet HTML 102Page - fujitsu semiconductor MB91155 Datasheet HTML 103Page - fujitsu semiconductor MB91155 Datasheet HTML 104Page - fujitsu semiconductor MB91155 Datasheet HTML 105Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 101 / 105 page
background image
MB91F155A/MB91155/MB91154
101
(5) Power supply
(6) Power supply at sleeping
Power supply vs. Voltage
Power supply (Sleeping) vs. Voltage
(7) Power supply at stopping
(8) A/D conversion power supply
Power supply (Stopping) vs. Voltage
A/D conversion power supply current vs.
Power supply voltage
(9) A/D conversion reference voltage supply current
(33 MHz)
(10) D/A conversion power supply current (33 MHz)
A/D conversion reference voltage supply current vs.
Voltage
D/A conversion power supply current vs.
Power supply voltage
80
60
40
0
100
120
2.8
3.0
3.2
3.4
3.6
3.8
VCC [V]
20
MB91154
MB91155
MB91F155A
70
60
40
0
90
100
2.8
3.0
3.2
3.4
3.6
3.8
VCC [V]
20
80
50
30
10
MB91154
MB91155
MB91F155A
0
120
2.8
3.0
3.2
3.4
3.6
3.8
VCC [V]
60
100
80
40
20
0
5
2.8
3.0
3.2
3.4
3.6
3.8
VCC [V]
2
4
3
1
0.0
2.0
2.8
3.0
3.2
3.4
3.6
3.8
VCC [V]
0.5
1.5
1.0
0.0
1.0
2.8
3.0
3.2
3.4
3.6
3.8
VCC [V]
0.4
0.8
0.6
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com