Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 104 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 104 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 97Page - fujitsu semiconductor MB91155 Datasheet HTML 98Page - fujitsu semiconductor MB91155 Datasheet HTML 99Page - fujitsu semiconductor MB91155 Datasheet HTML 100Page - fujitsu semiconductor MB91155 Datasheet HTML 101Page - fujitsu semiconductor MB91155 Datasheet HTML 102Page - fujitsu semiconductor MB91155 Datasheet HTML 103Page - fujitsu semiconductor MB91155 Datasheet HTML 104Page - fujitsu semiconductor MB91155 Datasheet HTML 105Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 104 / 105 page
background image
MB91F155A/MB91155/MB91154
104
(Continued)
144-pin plastic LQFP
(FPT-144P-M01)
(MB91F155A only)
*Pins width and pins thickness include plating thickness.
Dimensions in mm (inches)
C
2001 FUJITSU LIMITED F144002S-c-4-4
M
0.13(.005)
28.00±0.20(1.102±.008)SQ
32.00±0.40(1.260±.016)SQ
136
37
72
109
144
73
108
INDEX
0.65(.026)
0.32±0.05
(.013±.002)
0.10(.004)
0.17±0.06
(.007±.002)
"A"
0.25(.010)
(Mounting height)
Details of "A" part
0~8°
3.65±0.20
(.144±.008)
0.30
+0.10
–0.25
.012
+.004
–.010
(Stand off)
0.80±0.20
(.031±.008)
0.88±0.15
(.035±.006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com