Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 29 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 25Page - Texas Instruments DM368ZCEZ Datasheet HTML 26Page - Texas Instruments DM368ZCEZ Datasheet HTML 27Page - Texas Instruments DM368ZCEZ Datasheet HTML 28Page - Texas Instruments DM368ZCEZ Datasheet HTML 29Page - Texas Instruments DM368ZCEZ Datasheet HTML 30Page - Texas Instruments DM368ZCEZ Datasheet HTML 31Page - Texas Instruments DM368ZCEZ Datasheet HTML 32Page - Texas Instruments DM368ZCEZ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
DDR_A5
V15
O
DDR
VDD18_DDR
DDR Address Bus bit 05
DDR_A4
U15
O
DDR
VDD18_DDR
DDR Address Bus bit 04
DDR_A3
T14
O
DDR
VDD18_DDR
DDR Address Bus bit 03
DDR_A2
W15
O
DDR
VDD18_DDR
DDR Address Bus bit 02
DDR_A1
V14
O
DDR
VDD18_DDR
DDR Address Bus bit 01
DDR_A0
U14
O
DDR
VDD18_DDR
DDR Address Bus bit 00
DDR_DQ15
V6
I/O
DDR
VDD18_DDR
DDR Data Bus bit 15
DDR_DQ14
V7
I/O
DDR
VDD18_DDR
DDR Data Bus bit 14
DDR_DQ13
R7
I/O
DDR
VDD18_DDR
DDR Data Bus bit 13
DDR_DQ12
W7
I/O
DDR
VDD18_DDR
DDR Data Bus bit 12
DDR_DQ11
V8
I/O
DDR
VDD18_DDR
DDR Data Bus bit 11
DDR_DQ10
R8
I/O
DDR
VDD18_DDR
DDR Data Bus bit 10
DDR_DQ9
U8
I/O
DDR
VDD18_DDR
DDR Data Bus bit 09
DDR_DQ8
W8
I/O
DDR
VDD18_DDR
DDR Data Bus bit 08
DDR_DQ7
R9
I/O
DDR
VDD18_DDR
DDR Data Bus bit 07
DDR_DQ6
W9
I/O
DDR
VDD18_DDR
DDR Data Bus bit 06
DDR_DQ5
V9
I/O
DDR
VDD18_DDR
DDR Data Bus bit 05
DDR_DQ4
W10
I/O
DDR
VDD18_DDR
DDR Data Bus bit 04
DDR_DQ3
V10
I/O
DDR
VDD18_DDR
DDR Data Bus bit 03
DDR_DQ2
R10
I/O
DDR
VDD18_DDR
DDR Data Bus bit 02
DDR_DQ1
V11
I/O
DDR
VDD18_DDR
DDR Data Bus bit 01
DDR_DQ0
U11
I/O
DDR
VDD18_DDR
DDR Data Bus bit 00
DDR_
T8
O
DDR
VDD18_DDR
DDR: Loopback signal for external DQS gating.
DQGATE0
Route to DDR and back to DDR_DQGATE1 with
same constraints as used for DDR clock and data.
DDR_
T9
I
DDR
VDD18_DDR
DDR: Loopback signal for external DQS gating.
DQGATE1
Route to DDR and back to DDR_DQGATE0 with
same constraints as used for DDR clock and data.
DDR_VREF
P11
PWR
DDR
VDD18_DDR
DDR: DDR_VREF is .5* VDD18_DDR = 0.9V for SSTL2
specific reference voltage.
DDR_PADREFP
R11
O
DDR
VDD18_DDR
DDR: External resistor ( 50 ohm to ground)
EM_A13 / GIO78 /
V18
I/O/Z
AEMIF / VDD_AEMIF1_18_ IPU/IPD
Input
Async EMIF: Address Bus bit[13]
BTSEL[2]
GIO /
33
disable
BTSEL[
d by
2]
default
GIO: GIO[78]
BTSEL[2]: See Section 3.2, Device Boot Modes for
system usage of these pins.
EM_A12 / GIO77 /
U18
I/O/Z
AEMIF / VDD_AEMIF1_18_ IPU/IPD
Input
Async EMIF: Address Bus bit[12]
BTSEL[1]
GIO /
33
disable
BTSEL[
d by
1]
default
GIO: GIO[77]
BTSEL[1]: See Section 3.2, Device Boot Modes for
system usage of these pins.
EM_A11 / GIO76 /
V19
I/O/Z
AEMIF / VDD_AEMIF1_18_ IPU/IPD
Input
Async EMIF: Address Bus bit[11]
BTSEL[0]
GIO /
33
disable
BTSEL[
d by
0]
default
GIO: GIO[76]
BTSEL[0]: See Section 3.2, Device Boot Modes for
system usage of these pins.
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Overview
29
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com