Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 96 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 92Page - Texas Instruments DM368ZCEZ Datasheet HTML 93Page - Texas Instruments DM368ZCEZ Datasheet HTML 94Page - Texas Instruments DM368ZCEZ Datasheet HTML 95Page - Texas Instruments DM368ZCEZ Datasheet HTML 96Page - Texas Instruments DM368ZCEZ Datasheet HTML 97Page - Texas Instruments DM368ZCEZ Datasheet HTML 98Page - Texas Instruments DM368ZCEZ Datasheet HTML 99Page - Texas Instruments DM368ZCEZ Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 6-17. EDMA Registers (continued)
Offset
Acronym
Register Description
2070h
ICR
Interrupt Clear Register
2074h
ICRH
Interrupt Clear Register High
2078h
IEVAL
Interrupt Evaluate Register
2080h
QER
QDMA Event Register
2084h
QEER
QDMA Event Enable Register
2088h
QEECR
QDMA Event Enable Clear Register
208Ch
QEESR
QDMA Event Enable Set Register
2090h
QSER
QDMA Secondary Event Register
2094h
QSECR
QDMA Secondary Event Clear Register
Shadow Region 1 Channel Registers
2200h
ER
Event Register
2204h
ERH
Event Register High
2208h
ECR
Event Clear Register
220Ch
ECRH
Event Clear Register High
2210h
ESR
Event Set Register
2214h
ESRH
Event Set Register High
2218h
CER
Chained Event Register
221Ch
CERH
Chained Event Register High
2220h
EER
Event Enable Register
2224h
EERH
Event Enable Register High
2228h
EECR
Event Enable Clear Register
222Ch
EECRH
Event Enable Clear Register High
2230h
EESR
Event Enable Set Register
2234h
EESRH
Event Enable Set Register High
2238h
SER
Secondary Event Register
223Ch
SERH
Secondary Event Register High
2240h
SECR
Secondary Event Clear Register
2244h
SECRH
Secondary Event Clear Register High
2250h
IER
Interrupt Enable Register
2254h
IERH
Interrupt Enable Register High
2258h
IECR
Interrupt Enable Clear Register
225Ch
IECRH
Interrupt Enable Clear Register High
2260h
IESR
Interrupt Enable Set Register
2264h
IESRH
Interrupt Enable Set Register High
2268h
IPR
Interrupt Pending Register
226Ch
IPRH
Interrupt Pending Register High
2270h
ICR
Interrupt Clear Register
2274h
ICRH
Interrupt Clear Register High
2278h
IEVAL
Interrupt Evaluate Register
2280h
QER
QDMA Event Register
2284h
QEER
QDMA Event Enable Register
2288h
QEECR
QDMA Event Enable Clear Register
228Ch
QEESR
QDMA Event Enable Set Register
2290h
QSER
QDMA Secondary Event Register
2294h
QSECR
QDMA Secondary Event Clear Register
2400h-2494h
—
Shadow Region 2 Channel Registers
2600h-2694h
—
Shadow Region 3 Channel Registers
96
Peripheral Information and Electrical Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com