Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 59 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 55Page - Texas Instruments DM368ZCEZ Datasheet HTML 56Page - Texas Instruments DM368ZCEZ Datasheet HTML 57Page - Texas Instruments DM368ZCEZ Datasheet HTML 58Page - Texas Instruments DM368ZCEZ Datasheet HTML 59Page - Texas Instruments DM368ZCEZ Datasheet HTML 60Page - Texas Instruments DM368ZCEZ Datasheet HTML 61Page - Texas Instruments DM368ZCEZ Datasheet HTML 62Page - Texas Instruments DM368ZCEZ Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 208 page
background image
Pre-DIV
(Programmable)
PLL
1
0
PLLEN
PLLM
(Programmable)
Post-DIV*
OSCIN
PLLDIV1*
SYSCLK1
(USBReferenceClock)
PLLDIV2*
SYSCLK2(ARM926EJ-S,
HDVICP BlockClock)
PLLDIV3*
SYSCLK3(DDR2xClock)
PLLDIV4*
SYSCLK4
(VoiceCodecClock)
PLLDIV5*
SYSCLK5(VENCClock)
OSCDIV1*
OBSCLK
(CLKOUT1)
* – Programmable
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Figure 3-4. PLLC2 Configuration
3.3.5
Processing, Video, EDMA and DDR EMIF Subsystems Maximum Operating
Frequencies
Table 3-4 shows the maximum speeds supported for each of the major blocks supported on the different
speed grade devices.
Table 3-4. Processing, Video, EDMA and DDR EMIF Subsystems Maximum Operating Frequencies
DM368
ARM926 RISC
432 MHz
Co-Processor (HDVICP)
340 MHz
Co-Processor (MJCP)
340 MHz
DDR2
340 MHz
mDDR
168 MHz
VPSS Logic Block
340 MHz
Peripheral System Bus and EDMA
170 MHz
VPBE-VENC
74.25 MHz
VPFE
120 MHz
3.3.6
PLL Controller Clocking Configurations Examples
Like the DM365, the DM368 uses two PLLs to generate the two fundamental clocks used on the device.
These two clocks feed two divider blocks which generate all of the functional clocks used by the
peripherals and cores in the DM368. The ARM926 and DDR peripheral in the DM368 are limited to a
maximum clock frequency of 432 MHz and 340 MHz respectively. There are some peripheral clocks on
the DM368 which are required to operate at a specific frequency by functional specification or convention.
These frequencies are detailed in Table 3-5.
Table 3-5. Specific Peripheral Operating Frequencies
Clock
Required Frequency (MHz)
Reason
VENC (standard definition)
27
required to generate a valid NTSC signal
VENC (high definition)
74.25
required to generate a valid ATSC signal
USB
36, 24, or 19.2
required by the USB peripheral to generate a 48 MHz USB clock
Voice Codec
4.096
required to generate a precise 16 kHz audio sample rate
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Configurations
59
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com