Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 79 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 75Page - Texas Instruments DM368ZCEZ Datasheet HTML 76Page - Texas Instruments DM368ZCEZ Datasheet HTML 77Page - Texas Instruments DM368ZCEZ Datasheet HTML 78Page - Texas Instruments DM368ZCEZ Datasheet HTML 79Page - Texas Instruments DM368ZCEZ Datasheet HTML 80Page - Texas Instruments DM368ZCEZ Datasheet HTML 81Page - Texas Instruments DM368ZCEZ Datasheet HTML 82Page - Texas Instruments DM368ZCEZ Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
– RESET must be low until all supplies are ramped up.
– Steps 1, 2, and 3 may be performed simultaneously if the Main core finishes ramping up before the
I/Os and the maximum delta voltage difference between the 1.8-V and 3.3-V I/Os is 2.0-V until the
1.8-V I/O reaches the full voltage.
The following steps should be followed for the restricted power-off method:
1. Power off Main/Analog I/O (3.3-V).
2. Power off PRTCSS/Main I/O (1.8-V).
3. Power off PRTCSS/Main core (1.35-V).
Notes for restricted power-off:
– The 3.3-/1.8-V I/Os may be powered off simultaneously if the maximum delta voltage difference
between them is 2.0V until the 1.8-V I/O is completely powered off, and the PRTCSS/Main core
must be powered down last.
When booting the DM368 from OneNAND, you must ensure that the OneNAND device is ready with valid
program instructions before the DM368 attempts to read program instructions from it. In particular, before
you release the device's reset, you must allow time for OneNAND device power to stabilize and for the
OneNAND device to complete its internal copy routine. During the internal copy routine, the OneNAND
device copies boot code from its internal non-volatile memory to its internal boot memory section. Board
designers typically achieve this requirement by design of the system power and reset supervisor circuit.
Refer to your OneNAND device datasheet for OneNAND power ramp and stabilization times and for
OneNAND boot copy times.
6.4.3
Power-Supply Design Considerations
Core and I/O supply voltage regulators should be located close to the device to minimize inductance and
resistance in the power delivery path. Additionally, when designing for high-performance applications
utilizing the device, the PC board should include separate power planes for core, I/O, and ground, all
bypassed with high-quality low-ESL/ESR capacitors.
6.4.4
Power-Supply Decoupling
In order to properly decouple the supply planes from system noise, place as many capacitors (caps) as
possible close to the device. These caps need to be close to the power pins, no more than 1.25 cm
maximum distance to be effective. Physically smaller caps, such as 0402, are better because of their
lower parasitic inductance. Proper capacitance values are also important. Small bypass caps (near 560
pF) should be closest to the power pins. Medium bypass caps (220 nF or as large as can be obtained in a
small package) should be next closest. TI recommends no less than 8 small and 8 medium caps per
supply be placed immediately next to the BGA vias, using the "interior" BGA space and at least the
corners of the "exterior".
Larger caps for each supply can be placed further away for bulk decoupling. Large bulk caps (on the order
of 100 uF) should be furthest away, but still as close as possible. Large caps for each supply should be
placed outside of the BGA footprint.
Any cap selection needs to be evaluated from a yield/manufacturing point-of-view. As with the selection of
any component, verification of capacitor availability over the product
’s production lifetime should be
considered. See also Section 6.6.1 for additional recommendations on power supplies for the
oscillator/PLL supplies.
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
79
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com