Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 91 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 87Page - Texas Instruments DM368ZCEZ Datasheet HTML 88Page - Texas Instruments DM368ZCEZ Datasheet HTML 89Page - Texas Instruments DM368ZCEZ Datasheet HTML 90Page - Texas Instruments DM368ZCEZ Datasheet HTML 91Page - Texas Instruments DM368ZCEZ Datasheet HTML 92Page - Texas Instruments DM368ZCEZ Datasheet HTML 93Page - Texas Instruments DM368ZCEZ Datasheet HTML 94Page - Texas Instruments DM368ZCEZ Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
•
Up to four in-flight transfer requests (TR)
•
Programmable priority level
•
Supports two dimensional transfers with independent indexes on source and destination (EDMA
Channel Controller manages the 3rd dimension)
•
Support for increment and constant addressing modes
•
Interrupt and error support
Parameter RAM: Each EDMA is specified by an eight word (32-byte) parameter table contained in
Parameter RAM (PaRAM) within the CC. The device provides 256 PaRAM entries, one for each of the 64
DMA channels and for 8 QDMA / Linked DMA entries.
DMA Channels: Can be triggered by: " External events (for example, McBSP TX Evt and RX Evt), "
Software writing a '1' to the given bit location, or channel, of the Event Set register, or, " Chaining to other
DMAs.
QDMA: The Quick DMA (QDMA) function is contained within the CC. The device implements 8 QDMA
channels. Each QDMA channel has a selectable PaRAM entry used to specify the transfer. A QDMA
transfer is submitted immediately upon writing of the "trigger" parameter (as opposed to the occurrence of
an event as with EDMA). The QDMA parameter RAM may be written by any Config bus master through
the Config Bus and by DMAs through the Config Bus bridge.
QDMA Channels: Triggered by a configuration bus write to a designated 'QDMA trigger word'. QDMAs
allow a minimum number of linear writes (optimized for GEM IDMA feature) to be issued to the CC to
force a series of transfers to take place.
6.9.1
EDMA Channel Synchronization Events
The EDMA supports up to 64 EDMA channels which service peripheral devices and external memory.
Table 6-16 lists the source of EDMA synchronization events associated with each of the programmable
EDMA channels. For the device, the association of an event to a channel is fixed; each of the EDMA
channels has one specific event associated with it. These specific events are captured in the EDMA event
registers (ER, ERH) even if the events are disabled by the EDMA event enable registers (EER, EERH).
For more detailed information on the EDMA module and how EDMA events are enabled, captured,
processed, linked, chained, and cleared, etc., see the Document Support section for the Enhanced Direct
Memory Access (EDMA) Controller Reference Guide.
Table 6-16. EDMA Channel Synchronization Events(1) (2)
EDMA
EVENT NAME
EVENT DESCRIPTION
CHANNEL
0
TIMER3: TEVT6
Timer 3 Interrupt (TEVT6) Event
1
TIMER3 TEVT7
Timer 3 Interrupt (TEVT7) Event
McBSP: XEVT or
2
McBSP Transmit Event or Voice Codec Transmit Event
VoiceCodec : VCREVT
McBSP :REVT or
3
McBSP Receive Event or Voice Codec Receive Event
VoiceCodec : VCREVT
4
VPSS: EVT1
VPSS Event 1
5
VPSS: EVT2
VPSS Event 2
6
VPSS: EVT3
VPSS Event 3
7
VPSS: EVT4
VPSS Event 4
8
TIMER2: TEVT4
Timer 2 interrupt (TEVT4) Event
(1)
In addition to the events shown in this table, each of the 64 channels can also be synchronized with the transfer completion or
intermediate transfer completion events. For more detailed information on EDMA event-transfer chaining, see the Document Support
section for the Enhanced Direct Memory Access (EDMA) Controller Reference Guide.
(2)
The total number of EDMA events exceeds 64, which is the maximum value of the EDMA module. Therefore, several events are
multiplexed and you must use the register EDMA_EVTMUX in the System Control Module to select the event source for multiplexed
events. Refer to the TMS320DM36x DMSoC ARM Subsystem Reference Guide (literature number SPRUFG5) for more information on
the System Control Module register EDMA_EVTMUX.
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
91
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com