Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 74 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 70Page - Texas Instruments DM368ZCEZ Datasheet HTML 71Page - Texas Instruments DM368ZCEZ Datasheet HTML 72Page - Texas Instruments DM368ZCEZ Datasheet HTML 73Page - Texas Instruments DM368ZCEZ Datasheet HTML 74Page - Texas Instruments DM368ZCEZ Datasheet HTML 75Page - Texas Instruments DM368ZCEZ Datasheet HTML 76Page - Texas Instruments DM368ZCEZ Datasheet HTML 77Page - Texas Instruments DM368ZCEZ Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
5.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage
and Operating Case Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
High-level output voltage
VDDS33 = MIN, IOH = -2mA
2.4
(3.3V I/O)
High-level output voltage
VOH
VDDS33 = MIN, IOH = -100μA
2.94
V
(3.3V I/O)
High-level output voltage
VDDS18 -
VDDS18 = MIN, IOH = -2mA
(1.8V I/O)
0.45
Voltage
Output(2)
Low-level output voltage
VDDS33 = MIN, IOL = 2mA
0.4
(3.3V I/O)
Low-level output voltage
VOL
VDDS33 = MIN, IOL = 100μA
0.2
V
(3.3V I/O)
Low-level output voltage
VDDS18 = MIN, IOH = 2mA
0.45
(1.8V I/O)
Input current for I/O without
II
VI = VSS to V DD
±10
internal pull-up/pull-down
Input current for I/O with
II(pullup)
VI = VSS to VDD
100
internal pull-up(3) (4)
Input current for I/O with
Current
II(pulldown)
VI = VSS to VDD
-100
μA
internal pull-down(3) (4)
Input/Output
IOH
High-level output current
All peripherals
-4000
IOL
Low-level output current
All peripherals
4000
VO = VDD or VSS
IOZ
(5)
I/O off-state output current
±20
(internal pull disabled)
CI
Input capacitance
4
Capacitance
pF
CO
Output capacitance
4
Resolution
Resolution
10
Bits
RLOAD = 75 Ω
INL
Integral non-linearity, best fit
-1.5
1.5
LSB
(video buffer disabled)
RLOAD = 75 Ω
DNL
Differential non-linearity
-1
1
LSB
(video buffer disabled)
HD 3CH
DAC
VOUT
Output compliance range
IFS = 6.67 mA, RLOAD = 75 Ω
0
VREF
V
ZSET
Zero Scale Offset Error
0.5
%
G_ERR
Gain Error
-5
5
%
Ch_match
Channel matching
+/-2
%
Output high voltage
VOH(VIDBUF)
1.35
(top of 75% NTSC or PAL colorbar)
V
Output low voltage
VOL(VIDBUF)
0.35
Video Buffer
(bottom of sync tip)
RES
Resolution
10
bits
VOUT
Output Voltage
RLOAD = 75 Ω
0.35
1.35
V
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
These I/O specifications apply to regular 3.3 V and 1.8V I/Os and do not apply to DDR2/mDDR, USB I/Os. DDR2/mDDR I/Os are 1.8 V
I/Os and adhere to JESD79-2A standard, USB I/Os adhere to USB2.0 spec.
(3)
This specification applies only to pins with an internal pullup (PU) or pulldown (PD). See or Section 2.8 for pin descriptions.
(4)
To pull up a signal to the opposite supply rail, a 1 k
Ω resistor is recommended.
(5)
IOZ applies to output only pins, indicating off-state (Hi-Z) output leakage current.
74
Device Operating Conditions
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com