Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 73 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 69Page - Texas Instruments DM368ZCEZ Datasheet HTML 70Page - Texas Instruments DM368ZCEZ Datasheet HTML 71Page - Texas Instruments DM368ZCEZ Datasheet HTML 72Page - Texas Instruments DM368ZCEZ Datasheet HTML 73Page - Texas Instruments DM368ZCEZ Datasheet HTML 74Page - Texas Instruments DM368ZCEZ Datasheet HTML 75Page - Texas Instruments DM368ZCEZ Datasheet HTML 76Page - Texas Instruments DM368ZCEZ Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
NAME
DESCRIPTION
MIN
NOM
MAX
UNIT
0.75*VDD1
High-level input voltage I/O (1.35-V)
VIH12RTC
2_PRTCS
V
(PWRCNT/PWRST/RTCXI/RTCXO)
S
HIgh-level switchable input
3.3V I/O mode
2
voltage(4)
(VDD_AEMIF1_18_33,
VIH1833
V
VDD_AEMIF2_18_33,
1.8V I/O mode
0.7VDDS18
VDD_ISIF_18_33 powered
I/Os)(5)(6)(7)(8)
Low-level input voltage(4), excludes switchable I/O
0.8
V
(3.3V I/O)
VIL
Low-level input voltage(4), non-DDR2 I/O, excludes switchable I/O
0.3*VDDS
V
(1.8V I/O)
18
0.25*VDD1
RTC Low-level input voltage(4)
VIL12RTC
2_PRTCS
V
Voltage Input
(1.35V I/O)
S
Low
Low-level switchable input
3.3V I/O mode
0.8
voltage(4)
(VDD_AEMIF1_18_33,
VIL1833
V
0.3*VDDS
VDD_AEMIF2_18_33,
1.8V I/O mode
18
VDD_ISIF_18_33 powered
I/Os)
VREF
DAC reference voltage
475
500
525
mV
RBIAS
DAC full-scale current adjust resistor
2376
2400
2424
Ω
HD 3CH DAC(9)
RLOAD_X
Output resistor
74.25
75
75.75
Ω
CBG
Bypass capacitor
0.1
uF
ROUT
Output resistor (ROUT), between TVOUT and VFB pins
2128.5
2150
2171.5
Ω
RFB
Feedback resistor, between VFB and IDACOUT pins.
2079
2100
2121
Video Buffer(9)
RBIAS
Full-scale current adjust resistor
2400
Ω
CBG
Bypass capacitor
0.1
uF
USB_VBUS
USB external charge pump input
0
5.25
V
USB
VDDA12LDO_USB
Internal LDO output(10)
0.22
µF
fs
Sampling frequency
8
16
kHz
Voice Codec
-
System clock
256fs
kHz
ADC
FSCLK
SCLK frequency
2
MHz
Default Temperature
0
85
°C
Operating case temperature
Temperature
Tc
Extended Temperature [D version
range
-40
85
°C
devices]
(5)
VDD_AEMIF1_18_33 : can be used as a power supply for EM_A[3:13], EM_BA0, EM_BA1, EM_CE[0], EM_ADV, EM_CLK,
EM_D[8:15 ]pins, Keyscan, or GPIO pins.
(6)
VDD_AEMIF2_18_33: can be used as a power supply for EM_A[0:2], EM_CE[1], EM_WE, EM_OE, EM_WAIT, EM_D[0:7] pins, HPI,
Keyscan, or GPIO pins.
(7)
Example 1: VDD_AEMIF2_18_33 at 1.8-V for 8-bit NAND VDD_AEMIF1_18_33 at 3.3-V for GPIO.
Example 2: VDD_AEMIF1_18_33 and VDD_AEMIF2_18_33 at 1.8-V for 16-bit NAND.
(8)
VDD_ISIF_18_33: can be used as a power supply for VPFE pins (CIN[7:0], YIN[7:0], C_WE_FIELD, PCLK), or SPI3
(SPI3_SCLK,SPI3_SIMO,SPI3_SCS[0], SPI3_SCS[1]) or USBDRVVBUS or GPIO pins.
(9)
See Section 6.12.2.4. Also, resistors should be E-96 spec line (3 digits with 1% accuracy).
(10) For proper device operation, this pin must be connected to a 0.22
μF capacitor to VDDA12LDO_USB.
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Operating Conditions
73
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com