| Electronic Components Datasheet Search |
|
DM368ZCEZ Datasheet(PDF) 90 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM368ZCEZ Datasheet(HTML) 90 Page - Texas Instruments |
|
90 / 208 page ![]() TMS320DM368 SPRS668C – APRIL 2010 – REVISED JUNE 2011 www.ti.com • Transfer to/from peripherals – McBSP – SPI – I2C – PWM – RTO – GPIO – Timer/WDT – UART – MMC/SD The EDMA Controller consists of two major blocks: the Transfer Controller (TC) and the Channel Controller (CC). The CC is a highly flexible Channel Controller that serves as the user interface and event interface for the EDMA system. The CC supports 64-event channels and 8 QDMA channels. The CC consists of a scalable Parameter RAM (PaRAM) that supports flexible ping-pong, circular buffering, channel-chaining, auto-reloading, and memory protection. The EDMA Channel Controller has the following features: • Fully orthogonal transfer description – Three transfer dimensions – A-synchronized transfers: one dimension serviced per event – AB- synchronized transfers: two dimensions serviced per event – Independent indexes on source and destination – Chaining feature allows 3-D transfer based on single event • Flexible transfer definition – Increment and constant addressing modes – Linking mechanism allows automatic PaRAM set update – Chaining allows multiple transfers to execute with one event • Interrupt generation for: – DMA completion – Error conditions • Debug visibility – Queue watermarking/threshold – Error and status recording to facilitate debug • 64 DMA channels – Event synchronization – Manual synchronization (CPU(s) write to event set register) – Chain synchronization (completion of one transfer chains to next) • 8 QDMA channels – QDMA channels are triggered automatically upon writing to a PaRAM set entry – Support for programmable QDMA channel to PaRAM mapping • 256 PaRAM sets – Each PaRAM set can be used for a DMA channel, QDMA channel, or link set (remaining) • Four transfer controllers/event queues. The system-level priority of these queues is user programmable • 16 event entries per event queue • External events (for example, McBSP TX Evt and RX Evt) The EDMA Transfer Controller has the following features: • Four transfer controllers • 64-bit wide read and write ports per channel 90 Peripheral Information and Electrical Specifications Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM368 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |