Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 12Page - Texas Instruments DM368ZCEZ Datasheet HTML 13Page - Texas Instruments DM368ZCEZ Datasheet HTML 14Page - Texas Instruments DM368ZCEZ Datasheet HTML 15Page - Texas Instruments DM368ZCEZ Datasheet HTML 16Page - Texas Instruments DM368ZCEZ Datasheet HTML 17Page - Texas Instruments DM368ZCEZ Datasheet HTML 18Page - Texas Instruments DM368ZCEZ Datasheet HTML 19Page - Texas Instruments DM368ZCEZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 2-4. ARM Configuration Bus Access to Peripherals (continued)
Address
IPIPEIF Registers
0x01C7 1200
0x01C7 12FF
768
Reserved
0x01C7 1400
0x01C7 17FF
768
FDIF Registers
0x01C7 1800
0x01C7 1BFF
1K
OSD Registers
0x01C7 1C00
0x01C7 1CFF
256
Reserved
0x01C7 1D00
0x01C7 1DFF
256
VENC Registers
0x01C7 1E00
0x01C7 1FFF
512
Reserved
0x01C7 2000
0x01CF FFFF
568K
Multimedia / SD 1
0x01D0 0000
0x01D0 1FFF
8K
McBSP
0x01D0 2000
0x01D0 3FFF
8K
Reserved
0x01D0 4000
0x01D0 5FFF
8K
UART1
0x01D0 6000
0x01D0 63FF
1K
Reserved
0x01D0 6400
0x01D0 7FFF
3K
EMAC Control Registers
0x01D0 7000
0x01D0 9FFF
0x01D0 7FFF
4K
EMAC Control Module RAM
0x01D0 8000
8K
EMAC Control Module Registers
0x01D0 A000
0x01D0 AFFF
4K
EMAC MDIO Control Registers
0x01D0 B000
0x01D0 B7FF
2K
Voice Codec
0x01D0 C000
0x01D0 C3FF
1K
Reserved
0x01D0 C400
0x01D0 FFFF
17K
ASYNC EMIF Control
0x01D1 0000
0x01D1 0FFF
4K
Multimedia / SD 0
0x01D1 1000
0x01D1 FFFF
60K
Reserved
0x01D2 0000
0x01D3 FFFF
128K
Reserved
0x01D4 0000
0x01DF FFFF
768K
Reserved
0x01E0 0000
0x01FF FFFF
2M
ASYNC EMIF Data (CE0)
0x0200 0000
0x03FF FFFF
32M
ASYNC EMIF Data (CE1)
0x0400 0000
0x05FF FFFF
32M
Reserved
0x0600 0000
0x09FF FFFF
64M
Reserved
0x0A00 0000
0x0FFF FFFF
96M
2.7
Pin Assignments
Extensive use of pin multiplexing is used to accommodate the largest number of peripheral functions in
the smallest possible package. Pin multiplexing is controlled using a combination of hardware
configuration at device reset and software programmable register settings.
2.7.1
Pin Map (Bottom View)
Figure 2-2 through Figure 2-5 show the pin assignments in four quadrants (A, B, C, and D).
16
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com