Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 84 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 80Page - Texas Instruments DM368ZCEZ Datasheet HTML 81Page - Texas Instruments DM368ZCEZ Datasheet HTML 82Page - Texas Instruments DM368ZCEZ Datasheet HTML 83Page - Texas Instruments DM368ZCEZ Datasheet HTML 84Page - Texas Instruments DM368ZCEZ Datasheet HTML 85Page - Texas Instruments DM368ZCEZ Datasheet HTML 86Page - Texas Instruments DM368ZCEZ Datasheet HTML 87Page - Texas Instruments DM368ZCEZ Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 208 page
background image
C1
C2
RTCXI
RTCXO
VSS_32k
Crystal
32.768kHz
C
L
C
1C2
(C
1
C
2)
RTCXI
2
3
1
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
6.6.3
PRTCSS Oscillator
The device has an PRTCSS oscillator input/output pair (RTCXI/RTCXO) usable with external crystals or
ceramic resonators to provide clock inputs. The optimal frequency for the crystal is 32.768 kHz. The
electrical requirements and characteristics are described in this section. Figure 6-9 shows an example
circuit.
Figure 6-9. RTCXI1 Oscillator
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 2 fF). CL in the equation below is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (RTCXI and RTCXO) and to the VSS_32K pin.
(1)
6.6.4
PRTCSS Electrical Data/Timing
Table 6-7. Timing Requirements for RTCXI(1) (2) (see Figure 6-6)
DEVICE
UNIT
NO.
MIN
TYP
MAX
1
tc(RTCXI)
Cycle time, RTCXI
30.5175
µs
2
tw(RTCXIH)
Pulse duration, RTCXI high
.45C
.55C
ns
3
tw(RTCXIL)
Pulse duration, RTCXI low
.45C
.55C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
C = MXI1/CLKIN1 cycle time in ns. For example, when MXI1/CLKIN1 frequency is 24 MHz use C = 41.6 ns.
Figure 6-10. RTCXI Timing
84
Peripheral Information and Electrical Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com