Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 47 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 43Page - Texas Instruments DM368ZCEZ Datasheet HTML 44Page - Texas Instruments DM368ZCEZ Datasheet HTML 45Page - Texas Instruments DM368ZCEZ Datasheet HTML 46Page - Texas Instruments DM368ZCEZ Datasheet HTML 47Page - Texas Instruments DM368ZCEZ Datasheet HTML 48Page - Texas Instruments DM368ZCEZ Datasheet HTML 49Page - Texas Instruments DM368ZCEZ Datasheet HTML 50Page - Texas Instruments DM368ZCEZ Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 208 page
background image
PREFIX
TMX = Experimental device
TMS = Production device
TMS 320
DM368
ZCE ( )
DEVICE FAMILY
320 = TMS320 DSP family
PACKAGE TYPE
ZCE = 338-pin plastic BGA with Pb-free soldered balls
(A)
DEVICE
DM368
(B)
A
B
C
. BGA = Ball Grid Array
. For actual device part numbers (P/Ns) and ordering information, contact your nearest TI Sales Representative.
. For more information on silicon revision, see the
(literature number SPRZ316).
TMS320DM368 Silicon Errata
( )
SILICON REVISION
(C)
( )
TEMPERATURE GRADE
Blank = 0 to 85C
D = -40 to 85C
F = Face Detection
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZCE), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, 202 is 202.5 MHz). The
following figure provides a legend for reading the complete device name for any TMS320DM368 DMSoC
platform member.
Figure 2-6. Device Nomenclature
2.9.3
Related Documentation From Texas Instruments
The following documents describe the TMS320DM36x Digital Media System-on-Chip (DMSoC). Copies of
these documents are available on the internet at www.ti.com.
SPRZ315
TMS320DM368 DMSoC Silicon Errata Describes the known exceptions to the functional
specifications for the TMS320DM368 DMSoC.
SPRUFG5
TMS320DM36x Digital Media System-on-Chip (DMSoC) ARM Subsystem Users Guide.
This document describes the ARM Subsystem in the TMS320DM36x Digital Media
System-on-Chip (DMSoC). The ARM subsystem is designed to give the ARM926EJ-S
(ARM9) master control of the device. In general, the ARM is responsible for configuration
and control of the device; including the components of the ARM Subsystem, the peripherals,
and the external memories.
SPRUFG8
TMS320DM36x Digital Media System-on-Chip (DMSoC) Video Processing Front End
(VPFE) Users Guide. This document describes the Video Processing Front End (VPFE) in
the TMS320DM36x Digital Media System-on-Chip (DMSoC).
SPRUFG9
TMS320DM36x Digital Media System-on-Chip (DMSoC) Video Processing Back End
(VPBE) Users Guide. This document describes the Video Processing Back End (VPBE) in
the TMS320DM36x Digital Media System-on-Chip (DMSoC).
SPRUFH0
TMS320DM36x Digital Media System-on-Chip (DMSoC) 64-bit Timer Users Guide. This
document describes the operation of the software-programmable 64-bit timers in the
TMS320DM36x Digital Media System-on-Chip (DMSoC).
SPRUFH1
TMS320DM36x Digital Media System-on-Chip (DMSoC) Serial Peripheral Interface (SPI)
Users Guide. This document describes the serial peripheral interface (SPI) in the
TMS320DM36x Digital Media System-on-Chip (DMSoC). The SPI is a high-speed
synchronous serial input/output port that allows a serial bit stream of programmed length (1
to 16 bits) to be shifted into and out of the device at a programmed bit-transfer rate. The SPI
is normally used for communication between the DMSoC and external peripherals. Typical
applications include an interface to external I/O or peripheral expansion via devices such as
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Overview
47
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com