Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 41 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 37Page - Texas Instruments DM368ZCEZ Datasheet HTML 38Page - Texas Instruments DM368ZCEZ Datasheet HTML 39Page - Texas Instruments DM368ZCEZ Datasheet HTML 40Page - Texas Instruments DM368ZCEZ Datasheet HTML 41Page - Texas Instruments DM368ZCEZ Datasheet HTML 42Page - Texas Instruments DM368ZCEZ Datasheet HTML 43Page - Texas Instruments DM368ZCEZ Datasheet HTML 44Page - Texas Instruments DM368ZCEZ Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
ADC_CH0
E8
AI
ADC
VDDA18_ADC
Analog-to-Digital converter channel 0
Note: If the ADC is not used, it is recommended to
either leave this pin open, as no connect, or tie this
pin along with the other ADC_CHs together to a
single resistor to ground.
ADC_CH1
B7
AI
ADC
VDDA18_ADC
Analog-to-Digital converter channel 1
Note: If the ADC is not used, it is recommended to
either leave this pin open, as no connect, or tie this
pin along with the other ADC_CHs together to a
single resistor to ground.
ADC_CH2
A7
AI
ADC
VDDA18_ADC
Analog-to-Digital converter channel
Note: If the ADC is not used, it is recommended to
either leave this pin open, as no connect, or tie this
pin along with the other ADC_CHs together to a
single resistor to ground.
ADC_CH3
D8
AI
ADC
VDDA18_ADC
Analog-to-Digital converter channel 3
Note: If the ADC is not used, it is recommended to
either leave this pin open, as no connect, or tie this
pin along with the other ADC_CHs together to a
single resistor to ground.
ADC_CH4
D7
AI
ADC
VDDA18_ADC
Analog-to-Digital converter channel 4
Note: If the ADC is not used, it is recommended to
either leave this pin open, as no connect, or tie this
pin along with the other ADC_CHs together to a
single resistor to ground.
ADC_CH5
A6
AI
ADC
VDDA18_ADC
Analog-to-Digital converter channel 5
Note: If the ADC is not used, it is recommended to
either leave this pin open, as no connect, or tie this
pin along with the other ADC_CHs together to a
single resistor to ground.
VDDA18_ADC
G9
PWR
1.8- V Analog-to-Digital converter analog power
supply
Note: If the ADC is not used at all in an application,
this pin can be directly connected to the 1.8-V supply
without any filtering or to ground.
VSSA_ADC
F8
GND
1.8- V Analog-to-Digital converter ground
PWCTRIO0
J3
I/O/Z
PRTCS
VDD18_PRTCSS
Input
PRTCSS: General Input / Output Signal 0
S
For more pin termination details, see Section 6.7,
Power Management and Real Time Clock
Subsystem (PRTCSS).
PWCTRIO1
J2
I/O/Z
PRTCS
VDD18_PRTCSS
Input
PRTCSS: General Input / Output Signal 1
S
For more pin termination details, see Section 6.7,
Power Management and Real Time Clock
Subsystem (PRTCSS).
PWCTRIO2
J1
I/O/Z
PRTCS
VDD18_PRTCSS
Input
PRTCSS: General Input / Output Signal 2
S
For more pin termination details, see Section 6.7,
Power Management and Real Time Clock
Subsystem (PRTCSS).
PWCTRIO3
J5
I/O/Z
PRTCS
VDD18_PRTCSS
Input
PRTCSS: General Input / Output Signal 3
S
For more pin termination details, see Section 6.7,
Power Management and Real Time Clock
Subsystem (PRTCSS).
PWCTRIO4
J4
I/O/Z
PRTCS
VDD18_PRTCSS
Input
PRTCSS: General Input / Output Signal 4
S
For more pin termination details, see Section 6.7,
Power Management and Real Time Clock
Subsystem (PRTCSS).
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Overview
41
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com