Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 33 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 29Page - Texas Instruments DM368ZCEZ Datasheet HTML 30Page - Texas Instruments DM368ZCEZ Datasheet HTML 31Page - Texas Instruments DM368ZCEZ Datasheet HTML 32Page - Texas Instruments DM368ZCEZ Datasheet HTML 33Page - Texas Instruments DM368ZCEZ Datasheet HTML 34Page - Texas Instruments DM368ZCEZ Datasheet HTML 35Page - Texas Instruments DM368ZCEZ Datasheet HTML 36Page - Texas Instruments DM368ZCEZ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
HPI: Data bus bit [8]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D7 / HD7
L16
I/O/Z
AEMIF / VDD_AEMIF2_18_
Input
Async EMIF: Data Bus bit[07]
HPI
33
HPI: Data bus bit [7]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D6 / HD6
L18
I/O/Z
AEMIF / VDD_AEMIF2_18_
Input
Async EMIF: Data Bus bit[06]
HPI
33
HPI: Data bus bit [6]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D5 / HD5
L19
I/O/Z
AEMIF / VDD_AEMIF2_18_
Input
Async EMIF: Data Bus bit[05]
HPI
33
HPI: Data bus bit [5]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D4 / HD4
L15
I/O/Z
AEMIF / VDD_AEMIF2_18_
Input
Async EMIF: Data Bus bit[04]
HPI
33
HPI: Data bus bit [4]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D3 / HD3
K15
I/O/Z
AEMIF / VDD_AEMIF2_18_
Input
Async EMIF: Data Bus bit[03]
HPI
33
HPI: Data bus bit [3]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D2 / HD2
K19
I/O/Z
AEMIF / VDD_AEMIF2_18_
Input
Async EMIF: Data Bus bit[02]
HPI
33
HPI: Data bus bit [2]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D1 / HD1
K16
I/O/Z
AEMIF / VDD_AEMIF2_18_
Input
Async EMIF: Data Bus bit[01]
HPI
33
HPI: Data bus bit [1]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D0 / HD0
K18
I/O/Z
AEMIF / VDD_AEMIF2_18_
Input
Async EMIF: Data Bus bit[00]
HPI
33
HPI: Data bus bit [0]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com