Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 59Page - Texas Instruments DM368ZCEZ Datasheet HTML 60Page - Texas Instruments DM368ZCEZ Datasheet HTML 61Page - Texas Instruments DM368ZCEZ Datasheet HTML 62Page - Texas Instruments DM368ZCEZ Datasheet HTML 63Page - Texas Instruments DM368ZCEZ Datasheet HTML 64Page - Texas Instruments DM368ZCEZ Datasheet HTML 65Page - Texas Instruments DM368ZCEZ Datasheet HTML 66Page - Texas Instruments DM368ZCEZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
3.5
Pin Multiplexing
The device makes extensive use of pin multiplexing to accommodate the large number of peripheral
functions in the smallest possible package. In order to accomplish this, pin multiplexing is controlled using
a combination of hardware configuration (at device reset) and software control. No attempt is made by the
hardware to ensure that the proper pin muxing has been selected for the peripherals or interface mode
being used, thus proper pin muxing configuration is the responsibility of the board and software designers.
An overview of the pin multiplexing is shown in Table 3-10.
All pin multiplexing options are configurable by software via pin mux registers that reside in the System
Control Module. The PinMux0 Register controls the Video In muxing, PinMux1 register controls Video Out
signals, PinMux2 register controls AEMIF signals, PinMux3 registers control the multiplexing of the GIO
signals, the PinMux4 register controls the SPI and MMC/SD0 signals. See the TMS320DM36x DMSoC
ARM Subsystem Reference Guide (literature number SPRUFG5) for complete descriptions of the pin mux
registers.
The device configuration pins are multiplexed with AEMIF pins. Note that the AECFG[2:0] inputs only
select the default AEMIF address pin muxing. The number of active address pins may be increased or
reduced at any time by modifying the appropriate bits in the PinMux2 control register. After the device
configuration pins are sampled at reset, they automatically change to function as AEMIF pins. For more
details on AEMIF default configuration, see Section 3.7.5.
Table 3-10. Peripheral Pin Mux Overview
Peripheral
Muxed With
Primary Function
Secondary Function
Tertiary Function
VPFE (video in)
GPIO and SPI3
GPIO
VPFE (video in)
SPI3
VPBE (video out)
GPIO, PWM, and RTO
GPIO
VPBE (video out)
PWM
& RTO
AEMIF
GPIO
AEMIF
GPIO
McBSP
GPIO
GPIO
McBSP
MMC/SD0
MMC/SD0
MMC/SD1
GPIO and EMIF
GPIO
MMC/SD1
EMIF
CLKOUT
GPIO
GPIO
CLKOUT
I2C
GPIO
GPIO
I2C
UART0/UART1
GPIO
GPIO
UART
SPI0,SPI1,SPI2,SPI4
GPIO
GPIO
SPI
EMAC
GPIO
GPIO
EXTINT
EMAC
HPI
AEMIF
AEMIF
HPI
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Configurations
63
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com