Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 72 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 68Page - Texas Instruments DM368ZCEZ Datasheet HTML 69Page - Texas Instruments DM368ZCEZ Datasheet HTML 70Page - Texas Instruments DM368ZCEZ Datasheet HTML 71Page - Texas Instruments DM368ZCEZ Datasheet HTML 72Page - Texas Instruments DM368ZCEZ Datasheet HTML 73Page - Texas Instruments DM368ZCEZ Datasheet HTML 74Page - Texas Instruments DM368ZCEZ Datasheet HTML 75Page - Texas Instruments DM368ZCEZ Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
5.2
Recommended Operating Conditions
NAME
DESCRIPTION
MIN
NOM
MAX
UNIT
CVDD
Core Supply Voltage
432-MHz devices
1.28
1.35
1.42
V
PRTCSS Oscillator and
VDD12_PRTCSS
432-MHz devices
1.28
1.35
1.42
V
PRTCSS Core Supply Voltage
VDDA12_DAC
1.2-V DAC Supply Voltage
432-MHz devices
1.28
1.35
1.42
V
VPP
(1)
VPP Supply Voltage
432-MHz devices
1.28
1.35
1.42
V
VDDS18
1.8-V Supply Voltage
VDD18_PRTCSS
1.8-V PWR CTRL Supply Voltage
VDDMXI
1.8-V System Oscillator Supply Voltage
VDD18_DDR
1.8-V DDR2 Supply Voltage
VDDA18_PLL
1.8-V PLL Supply Voltage
1.71
1.8
1.89
V
VDDA18_USB
1.8-V USB Supply Voltage
VDDA18_VC
1.8-V Voice CODEC Supply Voltage
VDDA18_USB
1.8-V USB Supply Voltage
Supply
Voltage
VDDA18_ADC
1.8-V ADC Supply Voltage
VDDA18_DAC
1.8-V DAC Supply Voltage
VDD_AEMIF1_18_33
1.8/3.3-V switchable EMIF1 Supply Voltage
VDD_AEMIF2_18_33
1.8/3.3-V switchable EMIF2 Supply Voltage
1.71/3.14
1.8/3.3
1.89/3.46
V
VDD_ISIF18_33
1.8/3.3-V switchable ISIF Supply Voltage
VDDS33
3.3-V Supply Voltage
VDDA33_USB
3.3-V USB Supply Voltage
3.14
3.3
3.46
V
VDDA33_VC
3.3-V Voice CODEC Supply Voltage
VSS
Core, USB Digital ground
VSS_MX1
OSC (MX1) ground(2)
VSS_32K
OSC (32K) ground(2)
VSSA
PLL ground(3)
VSSA18_USB
USB ground
Supply
VSSA33_USB
3.3-V USB ground
0
0
0
V
Ground
VSSA33_VC
3.3-V Voice CODEC ground
VSSA18_VC
1.8-V Voice CODEC ground
VSSA_ADC
ADC ground
VSSA18_DAC
1.8-V DAC ground
VSSA12_DAC
1.2-V DAC ground
High-level input voltage(4), excludes switchable I/O
2
V
(3.3V I/O)
Voltage Input
VIH
High
High-level input voltage, non-DDR2 I/O, excludes switchable I/O
0.7VDDS18
V
(1.8V I/O)
(1)
For proper device operation, this pin must always be connected to CVDD.
(2)
Oscillator ground must be kept separate from other grounds and connected directly to the crystal load capacitor ground (see
Section 6.6.1).
(3)
For proper device operation, keep this pin separate from digital ground.
(4)
These I/O specifications apply to regular 3.3 V I/Os and do not apply to DDR2/mDDR, USB I/Os. DDR2/mDDR I/Os are 1.8 V I/Os and
adhere to JESD79-2A standard, USB I/Os adhere to USB2.0 spec.
72
Device Operating Conditions
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com