Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 44 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 40Page - Texas Instruments DM368ZCEZ Datasheet HTML 41Page - Texas Instruments DM368ZCEZ Datasheet HTML 42Page - Texas Instruments DM368ZCEZ Datasheet HTML 43Page - Texas Instruments DM368ZCEZ Datasheet HTML 44Page - Texas Instruments DM368ZCEZ Datasheet HTML 45Page - Texas Instruments DM368ZCEZ Datasheet HTML 46Page - Texas Instruments DM368ZCEZ Datasheet HTML 47Page - Texas Instruments DM368ZCEZ Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
VDD18_SLDO
E5
PWR
Power supply for internal RAM.
For proper device operation, this pin must always be
connected to VDDS18.
VDD18_DDR
N9
PWR
Power supply for DDR (1.8 V).
N11
P9
P10
P12
R12
VDDS33
F10
PWR
Power supply for 3.3-V I/O.
F6
F7
H6
H13
L12
N6
P5
P6
VDD_AEMIF1_18_33
P14
PWR
Power supply for switchable AEMIF (3.3/1.8 V).
VDD_AEMIF1_18_33 : can be used as a power supply for
R14
EM_A[3:13], EM_BA0, EM_BA1, EM_CE[0],
VDD_AEMIF2_18_33
K14
PWR
EM_ADV, EM_CLK, EM_D[8:15] or as GPIO pins.
See AEMIF pin descriptions.
L14
VDD_AEMIF2_18_33: can be used as a power supply for
EM_A[0:2], EM_CE[1], EM_WE, EM_OE, EM_WAIT,
EM_D[0:7] pins, HPI, or GPIO pins. See AEMIF pin
descriptions.
Example 1: VDD_AEMIF2_18_33 at 1.8-V for 8-bit NAND
VDD_AEMIF1_18_33
at
3.3-V
for
GPIO.
Example 2: VDD_AEMIF1_18_33 and VDD_AEMIF2_18_33 at
1.8-V for 16-bit NAND.
VDD_ISIF18_33
F12
PWR
Power supply for switchable ISIF (3.3/1.8 V).
F13
PWR
Example 1 VDD_ISIF_18_33 power supply can be at
1.8V for VPFE pin functionality or it can be at 3.3V if
other peripherals pin functionality is to be used like
SPI3 or GPIO or CLKOUT0, or USBDRVVBUS.
VPP
R3
PWR
For proper device operation, this pin must always be
connected to CVDD.
44
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com