Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 87 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 83Page - Texas Instruments DM368ZCEZ Datasheet HTML 84Page - Texas Instruments DM368ZCEZ Datasheet HTML 85Page - Texas Instruments DM368ZCEZ Datasheet HTML 86Page - Texas Instruments DM368ZCEZ Datasheet HTML 87Page - Texas Instruments DM368ZCEZ Datasheet HTML 88Page - Texas Instruments DM368ZCEZ Datasheet HTML 89Page - Texas Instruments DM368ZCEZ Datasheet HTML 90Page - Texas Instruments DM368ZCEZ Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
6.8
General-Purpose Input/Output (GPIO)
The GPIO peripheral provides general-purpose pins that can be configured as either inputs or outputs.
When configured as an output, a write to an internal register can control the state driven on the output pin.
When configured as an input, the state of the input is detectable by reading the state of an internal
register. In addition, the GPIO peripheral can produce CPU interrupts and EDMA events in different
interrupt/event generation modes. The GPIO peripheral provides generic connections to external devices.
The GPIO pins are grouped into banks of 16 pins per bank (i.e., bank 0 consists of GPIO [0:15]). There
are a total of 7 GPIO banks in the device, because the device has 104 GPIOs. For additional details on
GPIO pins voltage level and the associated power supply please see Table 6-11.
Table 6-11. GPIO Pin Voltage Level and Power Supply Reference
Voltage Level
1.8 V or 3.3 V
3.3 V
1.8 V
Power Supply Name
VDD_AEMIF1_18_33
VDD_AEMIF2_18_33
VDD_ISIF18_33
VDDS33
VDD18_PRTCSS
GIO[78:68]
GIO[67]
GIO[103:93]
GIO[92:79]
GIO[110:104]
Pin Name
GIO[66:56]
GIO[55:52]
GIO[49:0]
GIO[51:50]
The GPIO peripheral supports the following:
•
Up to 104 GPIO pins, GPIO[103:0]
•
Up to 7 GPIO pins dedicated to the PRTC Subsystem. These pins are labeled as PWRCTRIO[6:0].
Only PWRCTRIO[2:0] are connected to the GPIO module, labeled as GPIO[106:104]. For the PRTCSS
module the PWRCTRIO[6:0] pins support input and output functionality but for the GPIO module the
GPIO[106:104] pins support input functionality only. For more details please refer to Section 6.7.
•
Interrupts:
– Up to 15 unique GPIO[15:0] interrupts from Bank 0.
– Up to 3 unique GPIO[106:104] interrupts from Bank 6, dedicated to the PRTC Subsystem. For
more details please refer to Section 6.7.
– Interrupts can be triggered by rising and/or falling edge, specified for each interrupt capable GPIO
signal
•
DMA events:
– Up to 15 unique GPIO DMA events from Bank 0
•
Set/clear functionality: Firmware writes 1 to corresponding bit position(s) to set or to clear GPIO
signal(s). This allows multiple firmware processes to toggle GPIO output signals without critical section
protection (disable interrupts, program GPIO, re-enable interrupts, to prevent context switching to
anther process during GPIO programming).
•
Separate Input/Output registers
•
Output register in addition to set/clear so that, if preferred by firmware, some GPIO output signals can
be toggled by direct write to the output register(s).
•
Output register, when read, reflects output drive status. This, in addition to the input register reflecting
pin status, allows wired logic be implemented.
For more detailed information on GPIOs, see the Documentation Support section for the General-Purpose
Input/Output (GPIO) Reference Guide.
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
87
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com