| Electronic Components Datasheet Search |
|
DM368ZCEZ Datasheet(PDF) 40 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM368ZCEZ Datasheet(HTML) 40 Page - Texas Instruments |
|
40 / 208 page ![]() TMS320DM368 SPRS668C – APRIL 2010 – REVISED JUNE 2011 www.ti.com Table 2-5. Pin Descriptions (continued) Name BGA Type Group Power IPU Reset Description(4) ID (1) Supply(2) IPD(3) State MMCSD0_DATA2 H17 I/O/Z MMCS VDDS33 Input MMCSD0: DATA2 D0 MMCSD0_DATA1 H19 I/O/Z MMCS VDDS33 Input MMCSD0: DATA1 D0 MMCSD0_DATA0 H18 I/O/Z MMCS VDDS33 Input MMCSD0: DATA0 D0 MICIP B8 AI VCODE VDDA33_VC MIC positive input C or Note: If the Voice Codec peripheral is not used, this VDDA18_VC pin must be tied directly to VSS for proper device operation. MICIN C8 AI VCODE VDDA33_VC MIC negative input C or Note: If the Voice Codec peripheral is not used, this VDDA18_VC pin must be tied directly to VSS for proper device operation. LINEO C9 AO VCODE VDDA33_VC Line driver output C or Note: If the Voice Codec peripheral is not used, this VDDA18_VC pin can be left open or can be connected directly to Vss for proper device operation. SPP B9 AO VCODE VDDA33_VC Speaker amplifier positive output C or VDDA18_VC Note: If the Voice Codec peripheral is not used, this pin can be left open or can be connected directly to Vss for proper device operation. SPN A9 AO VCODE VDDA33_VC Speaker amplifier negative output C or Note: If the Voice Codec peripheral is not used, this VDDA18_VC pin can be left open or can be connected directly to Vss for proper device operation. VCOM A8 AO VCODE VDDA33_VC Analog block common voltage. C or It is recommended that a 10 µF capacitor be VDDA18_VC connected between this pin and ground to provide clean voltage. Note: If the Voice Codec peripheral is not used, this pin must be tied directly to VSS for proper device operation. VDDA18_VC E9 PWR 1.8-V Voice Codec module analog power supply Note: If the Voice Codec peripheral is not used, this pin must be tied directly to VSS for proper device operation. VSSA18_VC F9 GND 1.8-V Voice Codec module ground Note: If the Voice Codec peripheral is not used, this pin must be tied directly to VSS for proper device operation. VDDA33_VC E10 PWR 3.3-V Voice Codec module power supply Note: If the Voice Codec peripheral is not used, this pin must be tied directly to VSS for proper device operation. VSSA33_VC D9 GND 3.3-V Voice Codec module ground Note: If the Voice Codec peripheral is not used, this pin must be tied directly to VSS for proper device operation. 40 Device Overview Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM368 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |