Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 71 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 67Page - Texas Instruments DM368ZCEZ Datasheet HTML 68Page - Texas Instruments DM368ZCEZ Datasheet HTML 69Page - Texas Instruments DM368ZCEZ Datasheet HTML 70Page - Texas Instruments DM368ZCEZ Datasheet HTML 71Page - Texas Instruments DM368ZCEZ Datasheet HTML 72Page - Texas Instruments DM368ZCEZ Datasheet HTML 73Page - Texas Instruments DM368ZCEZ Datasheet HTML 74Page - Texas Instruments DM368ZCEZ Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
5
Device Operating Conditions
5.1
Absolute Maximum Ratings Over Operating Case Temperature Range
(Unless Otherwise Noted)
(1) (2)
All 1.35-V supplies
-0.3 V to 1.6 V
Supply voltage ranges
All 1.8 V supplies
-0.3 V to 2.45 V
All 3.3 V supplies
-0.3 V to 3.8 V
All 1.8 V I/Os
-0.5 V to 2.6 V
Input voltage ranges
All 3.3 V I/Os
-0.5 V to 3.8 V
USB_VBUS
0 V to 5.5 V
Commercial Temperature Tc
0
°C to 85 °C
Operating case temperature ranges
Extended Temperature [D version devices] Tc
-40
°C to 85 °C
Storage temperature ranges
Tstg
-55
°C to 150°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Operating Conditions
71
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com