Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 67 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 63Page - Texas Instruments DM368ZCEZ Datasheet HTML 64Page - Texas Instruments DM368ZCEZ Datasheet HTML 65Page - Texas Instruments DM368ZCEZ Datasheet HTML 66Page - Texas Instruments DM368ZCEZ Datasheet HTML 67Page - Texas Instruments DM368ZCEZ Datasheet HTML 68Page - Texas Instruments DM368ZCEZ Datasheet HTML 69Page - Texas Instruments DM368ZCEZ Datasheet HTML 70Page - Texas Instruments DM368ZCEZ Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
3.7.5
AEMIF Configuration
3.7.5.1
AEMIF Pin Configuration
The input pins AECFG[2:0] determine the AEMIF configuration immediately after reset. Pins that are not
assigned to another peripheral and not enabled as address signals become GPIOs. These may be used
as ALE and CLE signals for NAND Flash control if booting from internal ROM. If booting from NOR Flash
then the appropriate number of address output must be enabled by the AECFG[2:0] inputs at reset. The
enabled address signals are always contiguous from EM_BA[1] upwards; bits cannot be skipped. EM_A[0]
does not represent the lowest AEMIF address bit. The device has 23 address lines and 2 chip selects with
an 8-bit or 16-bit option. The device supports only 8-bit and 16-bit data widths for the AEMIF.
•
16-bit mode: EM_BA[1] represents the LS address bit (the half-word address) and EM_BA[0]
represents address bit (A[14]). The maximum number of address lines pins in 16-bit mode are 23,
which include EM_BA[1] + EM_A[0:13] +EM_BA[0] (as pin A[14] via PINMUX2 register) + EM_A[15:20]
+EM_A[21] (via PINMUX4 register)
Note: Pins EM_A[15:21] are available by programming the PinMux4 register in software after boot, but
must be pulled down externally so that valid voltage levels are provided on the full set of address pins
during boot time. EM_A[15:21] come out of reset as GPIO pins per the PinMux4 register.
•
8-bit mode: EM_BA[1:0] represent the 2 LS address bits. Additional selections are available by
programming the PinMux2 register in software after boot. The maximum number of address lines in
8-bit mode are 23, which include EM_BA[0:1] + EM_A[0:13] + A[14] (via PINMUX4 register) +
EM_A[15:20].
Note: Pins EM_A[15:20] are available by programming the PinMux4 register in software after boot, but
must be pulled down externally so that valid voltage levels are provided on the full set of address pins
during boot time. EM_A[15:20] come out of reset as GPIO pins per the PinMux4 register.
For additional details about the PinMux2 and PinMux4 registers, see the TMS320DM36x DMSoC ARM
Subsystem Reference Guide (literature number SPRUFG5).
The device's pin-mux control logic allows all of the Asynchronous EMIF address pins to be used as
GPIOs. If devices (such as NAND Flash) attached to the AEMIF require less than the 16 address pins
provided, then the unused upper-order addresses may be configured as GPIOs. These pins must be
configured at reset so that pins being driven by the AEMIF with addresses will not cause bus contention
with pins being driven by the system as general purpose inputs.
The AECFG[2:0] value does not affect the operation of the AEMIF module itself, only which of its address
bits are seen on the device pins (resulting in the natural ramifications if devices don
’t receive all address
signals or if contention with general purpose inputs occurs). As shown in Table 3-14, the number of
address bits enabled on the AEMIF is selectable from 0 to 16 at boot time, see notes above for additional
support of up-to 23 address lines.
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Configurations
67
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com