Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 97 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 93Page - Texas Instruments DM368ZCEZ Datasheet HTML 94Page - Texas Instruments DM368ZCEZ Datasheet HTML 95Page - Texas Instruments DM368ZCEZ Datasheet HTML 96Page - Texas Instruments DM368ZCEZ Datasheet HTML 97Page - Texas Instruments DM368ZCEZ Datasheet HTML 98Page - Texas Instruments DM368ZCEZ Datasheet HTML 99Page - Texas Instruments DM368ZCEZ Datasheet HTML 100Page - Texas Instruments DM368ZCEZ Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 6-17. EDMA Registers (continued)
Offset
Acronym
Register Description
2800h-2894h
Shadow Region 4 Channel Registers
2A00h-2A94h
Shadow Region 5 Channel Registers
2C00h-2C94h
Shadow Region 6 Channel Registers
2E00h-2E94h
Shadow Region 7 Channel Registers
4000h-4FFFh
—
Parameter RAM (PaRAM)
Table 6-18 shows an abbreviation of the set of registers which make up the parameter set for each of 512
EDMA events. Each of the parameter register sets consist of 8 32-bit word entries. Table 6-19 shows the
parameter set entry registers with relative memory address locations within each of the parameter sets.
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
97
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com