Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 89 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 85Page - Texas Instruments DM368ZCEZ Datasheet HTML 86Page - Texas Instruments DM368ZCEZ Datasheet HTML 87Page - Texas Instruments DM368ZCEZ Datasheet HTML 88Page - Texas Instruments DM368ZCEZ Datasheet HTML 89Page - Texas Instruments DM368ZCEZ Datasheet HTML 90Page - Texas Instruments DM368ZCEZ Datasheet HTML 91Page - Texas Instruments DM368ZCEZ Datasheet HTML 92Page - Texas Instruments DM368ZCEZ Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 208 page
background image
GPIx
GPOx
4
3
2
1
EXT_INTx
2
1
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 6-14. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(see Figure 6-11)
DEVICE
NO.
PARAMETER
UNIT
MIN
MAX
36P(1) -
3
tw(GPOH)
Pulse duration, GPOx high
ns
8
36P(1) -
4
tw(GPOL)
Pulse duration, GPOx low
ns
8
(1)
P = PLLC1.SYSCLK4 period, where SYSCLK4 is an output clock of PLLC1. For more details, see Section 3.3, Device Clocking.
Figure 6-11. GPIO Port Timing
6.8.3
GPIO Peripheral External Interrupts Electrical Data/Timing
Table 6-15. Timing Requirements for External Interrupts/EDMA Events(1) (see Figure 6-12)
DEVICE
NO.
UNIT
MIN
MAX
1
tw(ILOW)
Width of the external interrupt pulse low
2P(2)
ns
2
tw(IHIGH)
Width of the external interrupt pulse high
2P(2)
ns
(1)
The pulse width given is sufficient to generate an interrupt or an EDMA event. However, if a user wants the device to recognize the
GPIO changes through software polling of the GPIO register, the GPIO duration must be extended to allow the device enough time to
access the GPIO register through the internal bus.
(2)
P = PLLC1.SYSCLK4 period, where SYSCLK4 is an output clock of PLLC1. For more details, see Section 3.3, Device Clocking.
Figure 6-12. GPIO External Interrupt Timing
6.9
EDMA Controller
The EDMA controller handles all data transfers between memories and the device slave peripherals on
the device. These are summarized as follows:
•
Transfer to/from on-chip memories
– ARM program/data RAM
– HDVICP Coprocessor memory
– MPEG/JPEG Coprocessor memory
•
Transfer to/from external storage
– DDR2 / mDDR SDRAM
– Asynchronous EMIF
– OneNAND flash
– NAND flash, NOR flash
– Smart Media, SD, MMC, xD media storage
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
89
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com