Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 94 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 90Page - Texas Instruments DM368ZCEZ Datasheet HTML 91Page - Texas Instruments DM368ZCEZ Datasheet HTML 92Page - Texas Instruments DM368ZCEZ Datasheet HTML 93Page - Texas Instruments DM368ZCEZ Datasheet HTML 94Page - Texas Instruments DM368ZCEZ Datasheet HTML 95Page - Texas Instruments DM368ZCEZ Datasheet HTML 96Page - Texas Instruments DM368ZCEZ Datasheet HTML 97Page - Texas Instruments DM368ZCEZ Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 6-17. EDMA Registers (continued)
Offset
Acronym
Register Description
0260h
QDMAQNUM
QDMA Queue Number Register
0284h
QUEPRI
Queue Priority Register
0300h
EMR
Event Missed Register
0304h
EMRH
Event Missed Register High
0308h
EMCR
Event Missed Clear Register
030Ch
EMCRH
Event Missed Clear Register High
0310h
QEMR
QDMA Event Missed Register
0314h
QEMCR
QDMA Event Missed Clear Register
0318h
CCERR
EDMA3CC Error Register
031Ch
CCERRCLR
EDMA3CC Error Clear Register
0320h
EEVAL
Error Evaluate Register
0340h
DRAE0
DMA Region Access Enable Register for Region 0
0344h
DRAEH0
DMA Region Access Enable Register High for Region 0
...
0350h
DRAE2
DMA Region Access Enable Register for Region 2
0354h
DRAEH2
DMA Region Access Enable Register High for Region 2
0360h
DRAE4
DMA Region Access Enable Register for Region 4
0364h
DRAEH4
DMA Region Access Enable Register High for Region 4
0368h
DRAE5
DMA Region Access Enable Register for Region 5
036Ch
DRAEH5
DMA Region Access Enable Register High for Region 5
0380h
QRAE0
QDMA Region Access Enable Register for Region 0
0388h
QRAE2
QDMA Region Access Enable Register for Region 2
0390h
QRAE4
0394h
QRAE5
0400h-047Ch
Q0E0-Q1E15
Event Queue Entry Registers Q0E0-Q1E15
0600h
QSTAT0
Queue 0 Status Register
0604h
QSTAT1
Queue 1 Status Register
0608h
QSTAT2
Queue 2 Status Register
060Ch
QSTAT3
Queue 3 Status Register
0620h
QWMTHRA
Queue Watermark Threshold A Register
0640h
CCSTAT
EDMA3CC Status Register
Global Channel Registers
1000h
ER
Event Register
1004h
ERH
Event Register High
1008h
ECR
Event Clear Register
100Ch
ECRH
Event Clear Register High
1010h
ESR
Event Set Register
1014h
ESRH
Event Set Register High
1018h
CER
Chained Event Register
101Ch
CERH
Chained Event Register High
1020h
EER
Event Enable Register
1024h
EERH
Event Enable Register High
1028h
EECR
Event Enable Clear Register
102Ch
EECRH
Event Enable Clear Register High
1030h
EESR
Event Enable Set Register
1034h
EESRH
Event Enable Set Register High
1038h
SER
Secondary Event Register
94
Peripheral Information and Electrical Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com