Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 78 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 74Page - Texas Instruments DM368ZCEZ Datasheet HTML 75Page - Texas Instruments DM368ZCEZ Datasheet HTML 76Page - Texas Instruments DM368ZCEZ Datasheet HTML 77Page - Texas Instruments DM368ZCEZ Datasheet HTML 78Page - Texas Instruments DM368ZCEZ Datasheet HTML 79Page - Texas Instruments DM368ZCEZ Datasheet HTML 80Page - Texas Instruments DM368ZCEZ Datasheet HTML 81Page - Texas Instruments DM368ZCEZ Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 6-1. Power Supplies (continued)
CUSTOMER
TOLERANCE
PACKAGE
DEVICE PLANE
DESCRIPTION
BOARD SUPPLY
PLANE
0 V
0 V
VSSA
PLL ground
Note: For proper device operation, keep separate from digital
ground VSS.
0 V
0 V
VSSA18_USB
USB ground
0 V
0 V
VSSA33_USB
3.3-V USB ground
0 V
0 V
VSSA33_VC
3.3-V Voice Codec Module ground
0 V
0 V
VSSA18_VC
1.8-V Voice Codec Module ground
0 V
0 V
VSSA_ADC
Analog-to-digital converter (ADC) ground
0 V
0 V
VSSA18_DAC
1.8-V DAC ground
0 V
0 V
VSSA12_DAC
1.2-V DAC ground
VDD18_DDR*0.5
VDD18_DDR*0.5
DDR_VREF
DRR reference voltage
(VDDS divided by 2, through board resistors)
0.5V
±5%
VREF
DAC reference voltage
5.25V
USB_VBUS
VBUS
6.4
Power-Supply Sequencing
In order to ensure device reliability, the device requires the following power supply power-on and
power-off sequences. See Section 5.2, Recommended Operating Conditions, for a description of the
power supplies.
•
The following power sequences are recommended to prevent damage to the device.
•
The PRTCSS core must always be powered-on and powered-off regardless of whether the PRTCSS
feature is used.
•
If the PRTCSS sequencer is to be used in any PRTCSS modes, please refer to the TMS320DM36x
PRTCSS User's Guide (literature number SPRUFJ0) for more details on the differences to the power
sequence.
6.4.1
Simple Power-On and Power-Off Method
The following steps must be followed in sequential order for the simple power-on method:
1. Power on the PRTCSS/ Main core (1.35-V).
2. Power on the PRTCSS/Main I/O (1.8-V).
3. Power on the Main/Analog I/O (3.3-V).
Note for simple power-on: RESET must be low until all supplies are ramped up.
The following steps should be followed for the simple power-off method:
1. Power off the Main/Analog I/O (3.3-V).
2. Power off the PRTCSS/Main I/O (1.8-V).
3. Power off the PRTCSS/Main core (1.35-V).
Notes for simple power-off:
– If RESET is low, steps 2 and 3 may be performed simultaneously.
– If RESET is not low, these steps must be followed sequentially.
6.4.2
Restricted Power-On and Power-Off Method
The following steps should be followed for the restricted power-on method:
1. Power on the PRTCSS/ Main core (1.35-V).
2. Power on the PRTCSS/Main I/O (1.8-V).
3. Power on the Main/Analog I/O (3.3-V).
Notes for restricted power-on:
78
Peripheral Information and Electrical Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com