Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 75 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 71Page - Texas Instruments DM368ZCEZ Datasheet HTML 72Page - Texas Instruments DM368ZCEZ Datasheet HTML 73Page - Texas Instruments DM368ZCEZ Datasheet HTML 74Page - Texas Instruments DM368ZCEZ Datasheet HTML 75Page - Texas Instruments DM368ZCEZ Datasheet HTML 76Page - Texas Instruments DM368ZCEZ Datasheet HTML 77Page - Texas Instruments DM368ZCEZ Datasheet HTML 78Page - Texas Instruments DM368ZCEZ Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
MIC in to ADC (gain = 20 dB)
Vmic
Full scale input
0.063
Vrms
GeAD
Gain error
0
dB
Vcom
Common voltage
0.9
V
THD + N
-1db, 1kHz
-62
dB
DNR
A-weighted
70
dB
SNR
A-weighted
67
dB
Input resistance
10
k
Ω
Input capacitance
10
pF
DAC-to-Line Output
Full scale output
0.8
Vrms
Gain error
0
dB
Common voltage
1.5
V
THD + N
-60
dB
DNR
A-weighted
70
dB
SNR
A-weighted
70
dB
Load resistance
10
k
Ω
Voice
Codec
Load capacitance
20
pF
DAC-to-Speaker Output
Output power
RL = 8Ω, THD = 10%
240
mW
Output noise
A-weighted
120
μVrms
Load resistance
8
Ω
Load capacitance
50
pF
Decimation filter in ADC
Pass band
0.375fs
kHz
Pass band ripple
+/- 0.2
dB
Stop band
0.562fs
kHz
Stop band attenuation
40
dB
HPF cutoff frequency
1.25mfs
Hz
Interpolation filter in DAC
Pass band
0.437fs
kHz
Pass band ripple
+/- 0.2
dB
Stop band
0.562fs
kHz
Stop band attenuation
40
dB
DNL
Static differential non-linearity error
FSCLK = 2MHz
-1
2.5
LSB
INL
Static integral non-linearity error
FSCLK = 2MHz
-3
3
LSB
ADC
ZSET
Zero scale offset error
-6
6
LSB
FSET
Full scale offset error
-6
6
LSB
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Operating Conditions
75
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com