Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 34 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 30Page - Texas Instruments DM368ZCEZ Datasheet HTML 31Page - Texas Instruments DM368ZCEZ Datasheet HTML 32Page - Texas Instruments DM368ZCEZ Datasheet HTML 33Page - Texas Instruments DM368ZCEZ Datasheet HTML 34Page - Texas Instruments DM368ZCEZ Datasheet HTML 35Page - Texas Instruments DM368ZCEZ Datasheet HTML 36Page - Texas Instruments DM368ZCEZ Datasheet HTML 37Page - Texas Instruments DM368ZCEZ Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
EM_CE[0] / GIO56
M17
I/O/Z
AEMIF / VDD_AEMIF1_18_
Output
Async EMIF: Lowest numbered Chip Select. Can be
/ HCS
GIO /
33
programmed to be used for standard asynchronous
HPI
memories (example:flash), OneNand or NAND
memory. Used for the default boot and ROM boot
modes.
GIO: GIO[56]
HPI: this pin is HPI chip select input.
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_CE[1] / GIO55
J17
I/O/Z
AEMIF / VDD_AEMIF2_18_
Output
Async EMIF: Second Chip Select., Can be
/ HAS
GIO /
33
programmed to be used for standard asynchronous
HPI
memories (example: flash), OneNand or NAND
memory.
GIO: GIO[55]
HPI: This pin is host address strobe.
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_WE / GIO54 /
J15
I/O/Z
AEMIF / VDD_AEMIF2_18_
Output
Async EMIF: Write Enable
HDS2
GIO /
33
HPI
GIO: GIO[54]
HPI: This pin is host data strobe input 2.
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_OE / GIO53 /
J19
I/O/Z
AEMIF / VDD_AEMIF2_18_
Output
Async EMIF: Output Enable
HDS1
GIO /
33
HPI
GIO: GIO[53]
HPI: This pin is host data strobe input 1.
EM_WAIT / GIO52
J18
I/O/Z
AEMIF / VDD_AEMIF2_18_
IPU
Input
Async EMIF: Async WAIT
/ HRDY
GIO /
33
HPI
GIO: GIO[52]
HPI: This pin is host ready output from DSP to host.
EM_ADV / GIO51 /
M16
I/O/Z
AEMIF / VDD_AEMIF1_18_
Output
Async EMIF: Address Valid Detect for OneNAND
HR/W
GIO /
33
interface
HPI
GIO: GIO[51]
HPI: This pin is host read or write select input.
EM_CLK / GIO50
M15
I/O/Z
AEMIF / VDD_AEMIF1_18_
Output
Async EMIF: Clock signal for OneNAND flash
GIO
33
interface
GIO: GIO[50]
GIO49 /
D5
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[49]
McBSP_DX
McBSP
McBSP: Transmit Data
GIO48 /
A5
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[48]
McBSP_CLKX
McBSP
McBSP: Transmit Clock
34
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com