Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 85 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 81Page - Texas Instruments DM368ZCEZ Datasheet HTML 82Page - Texas Instruments DM368ZCEZ Datasheet HTML 83Page - Texas Instruments DM368ZCEZ Datasheet HTML 84Page - Texas Instruments DM368ZCEZ Datasheet HTML 85Page - Texas Instruments DM368ZCEZ Datasheet HTML 86Page - Texas Instruments DM368ZCEZ Datasheet HTML 87Page - Texas Instruments DM368ZCEZ Datasheet HTML 88Page - Texas Instruments DM368ZCEZ Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 6-8. Switching Characteristics Over Recommended Operating Conditions for RTC Oscillator
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
0.85
2
s
Oscillation frequency
32.768
kHz
Crystal ESR
70
k
Ω
Frequency stability
+/- 50
ppm
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 2 fF). CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (RTCXI and RTCXO) and to the VSS_MX1 pin.
6.7
Power Management and Real Time Clock Subsystem (PRTCSS)
The Power Management and Real Time Clock Subsystem (PRTCSS) is used for calendar applications.
The PRTCSS has an independent power supply and can remain ON while the rest of the power supply is
turned OFF. The PRTCSS supports the following features:
•
Real Time Clock (RTC)
– Simple day counter (Up to 89-years)
– To generate the Alarm event to check the RTC count
– 16-bit simple timer
– Watch-dog timer to generate the event for RTC-Sequencer
•
General Purpose I/O with Anti-chattering
– 3-output pins (PWRCTRO[2:0])
– 7-In/Output pins (PWRCTRIO[6:0])
•
Interrupt
– 2 RTCSS interrupts (ARMSS and Timer)
– 7 GPIO interrupts (PWRCTRIO[6:0]
6.7.1
PRTCSS Peripheral Register Description(s)
The following table lists the PRTCSS Interface registers (PRTCIF) and Table 6-10 lists the PRTCSS
registers which can only be accessed via the PRTCIF registers, their corresponding acronyms, and device
memory locations (offsets). For more details, see the TMS320DM36x PRTCSS User's Guide (literature
number SPRUFJ0).
Table 6-9. PRTC Interface (PRTCIF) Registers
Offset
Acronym
Register Description
0x0
PID
PRTCIF peripheral ID register
0x4
PRTCIF_CTRL
PRTCIF control register
0x8
PRTCIF_LDATA
PRTCIF access lower data register
0xC
PRTCIF_UDATA
PRTCIF access upper data register
0x10
PRTCIF_INTEN
PRTCIF interrupt enable register
0x14
PRTCIF_INTFLG
PRTCIF interrupt flag register
Table 6-10. Power Management and Real Time Clock Subsystem (PRTCSS) Registers
Offset
Acronym
Register Description
0x0
GO_OUT
Global output pin output data register
0x1
GIO_OUT
Global input/output pin output data register
0x2
GIO_DIR
Global input/output pin direction register
0x3
GIO_IN
Global input/output pin input data register
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
85
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com