Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 83 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 79Page - Texas Instruments DM368ZCEZ Datasheet HTML 80Page - Texas Instruments DM368ZCEZ Datasheet HTML 81Page - Texas Instruments DM368ZCEZ Datasheet HTML 82Page - Texas Instruments DM368ZCEZ Datasheet HTML 83Page - Texas Instruments DM368ZCEZ Datasheet HTML 84Page - Texas Instruments DM368ZCEZ Datasheet HTML 85Page - Texas Instruments DM368ZCEZ Datasheet HTML 86Page - Texas Instruments DM368ZCEZ Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 208 page
background image
CLKOUT0/1
1
2
4
4
MXI1/CLKIN
5
6
3
MXI1/CLKIN
CLKOUT2
1
2
3
4
5
6
4
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 6-5. Switching Characteristics Over Recommended Operating Conditions for CLKOUT0/CLKOUT1(1)
(2) (see Figure 6-7)
DEVICE
NO.
PARAMETER
UNIT
MIN
TYP
MAX
1
tC(CLKOUT0/CLKOUT1)
Cycle time, CLKOUT0/CLKOUT1
27.7
ns
2
tw(CLKOUT0H/CLKOUT1H)
Pulse duration, CLKOUT0/CLKOUT1 high
.45P
.55P
ns
3
tw(CLKOUT0L/CLKOUT1L)
Pulse duration, CLKOUT0/CLKOUT1 low
.45P
.55P
ns
4
tt(CLKOUT0/CLKOUT1)
Transition time, CLKOUT0/CLKOUT1
3
ns
Delay time, MXI1/CLKIN1 high to CLKOUT0/CLKOUT1
5
td(MXI1H-CLKOUT0H/CLKOUT1H)
1
8
ns
high
Delay time, MXI1/CLKIN1I low to CLKOUT0/CLKOUT1
6
td(MXI1L-CLKOUT0L/CLKOUT1L)
1
8
ns
low
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOHMIN.
(2)
P = 1/CLKOUT0/1 clock frequency in nanoseconds (ns). For example, when CLKOUT1 frequency is 24 MHz use P = 41.6 ns.
Figure 6-7. CLKOUT1 Timing
Table 6-6. Switching Characteristics Over Recommended Operating Conditions for CLKOUT2(1) (2) (see
Figure 6-8)
DEVICE
NO.
PARAMETER
UNIT
MIN
TYP
MAX
1
tC(CLKOUT2)
Cycle time, CLKOUT2
20
ns
2
tw(CLKOUT2H)
Pulse duration, CLKOUT2 high
.45P
.55P
ns
3
tw(CLKOUT2L)
Pulse duration, CLKOUT2 low
.45P
.55P
ns
4
tt(CLKOUT2)
Transition time, CLKOUT2
3
ns
td(MXI1H-
5
Delay time, MXI1/CLKIN1 high to CLKOUT2 high
1
8
ns
CLKOUT2H)
td(MXI1L-
6
Delay time, MXI1/CLKIN1 low to CLKOUT2 low
1
8
ns
CLKOUT2L)
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
P = 1/CLKOUT2 clock frequency in nanoseconds (ns). For example, when CLKOUT2 frequency is 8 MHz use P = 125 ns.
Figure 6-8. CLKOUT2 Timing
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
83
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com