Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 61 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 57Page - Texas Instruments DM368ZCEZ Datasheet HTML 58Page - Texas Instruments DM368ZCEZ Datasheet HTML 59Page - Texas Instruments DM368ZCEZ Datasheet HTML 60Page - Texas Instruments DM368ZCEZ Datasheet HTML 61Page - Texas Instruments DM368ZCEZ Datasheet HTML 62Page - Texas Instruments DM368ZCEZ Datasheet HTML 63Page - Texas Instruments DM368ZCEZ Datasheet HTML 64Page - Texas Instruments DM368ZCEZ Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 3-8. 19.2-MHz Input Crystal Example(1) (2)(3)
PLL1
PLL2
ARM
DDR
MJCP
HDVICP
Voice Codec
(4)
Video Encoder
PLL Output
(5)
(2M/(N+1))
PLL Output
(2M/(N+1))
27MHz
74.25MHz
(MHz)
(MHz)
679.82
956/27
432
90/4
432
339.91
339.91
339.91
1/105 (16.07
1/16
-
kHz)
679.82
956/27
430.08
112/5
430.08
339.91
339.91
339.91
1/105
-
-
(1)
M = PLL controller multiplier. N = PLL controller divider.
(2)
All shaded frequencies derive from the PLL2 controller.
(3)
PLLC1SYSCLK4 (Configuration bus clock, peripheral system interfaces, EDMA) should be half of the PLLC1SYSCLK3 (MJCP and
HDVICP bus interface clock).
(4)
The Voice Codec divider value is the combination of the PLL controller 2 SYSCLK4 and Peripheral Clock Control Register PLLDIV2 bit
setting divider.
(5)
PLL Output is calculated by = Oscillator Input * (2M/(N+1)).
Table 3-9. 27-MHz Input Crystal Example(1) (2)(3)
PLL1
PLL2
ARM
DDR
MJCP
HDVICP
Voice Codec
USB
Video
(4)
Encoder
PLL Output
(5)
(2M/(N+1))
PLL Output
(2M/(N+1))
27 MHz
74.25MHz
(MHz)
(MHz)
680
680/27
432
16/1
432
340
340
340
1/105 (16.07
1/18
1/16
-
kHz)
680
680/27
371.25
110/8
371.25
340
340
340
1/91 (15.936
-
-
1/5
kHz)
(1)
M = PLL controller multiplier. N = PLL controller divider.
(2)
All shaded frequencies derive from the PLL2 controller.
(3)
PLLC1SYSCLK4 (Configuration bus clock, peripheral system interfaces, EDMA) should be half of the PLLC1SYSCLK3 (MJCP and
HDVICP bus interface clock).
(4)
The Voice Codec divider value is the combination of the PLL controller 2 SYSCLK4 and Peripheral Clock Control Register PLLDIV2 bit
setting divider.
(5)
PLL Output is calculated by = Oscillator Input * (2M/(N+1)).
For maximum H.264 encode performance the ARM must run at 432 MHz and the DDR at 340 MHz. Any
speed decrease to either of these will reduce encode performance. This means that if the ARM speed
must be reduced to enable another function it will impact the encode performance.
If USB is required then a 36 MHz, 24 MHz or 19.2 MHz input crystal is preferred as those can support
USB at full ARM rate.
If a video output is needed then a 36 MHz, 27 MHz or 24 MHz input crystal should be used. For HD video
output it may be preferred to use the EXTCLK input to inject an external 74.25 MHz clock and at the same
time operate the ARM at 432 MHz.
3.3.7
Peripheral Clocking Considerations
The device supports several peripherals with special clocking considerations (VPBE, USB, Key Scan,
ADC, Voice Codec, MJCP, HDVICP, AUXCLK, DDR2 EMIF). For more detail on these special
considerations, see the Peripheral Clocking Considerations section of theTMS320DM36x DMSoC ARM
Subsystem Reference Guide (literature number SPRUFG5).
3.4
Power and Sleep Controller (PSC)
In the device system, the Power and Sleep Controller (PSC) is responsible for managing transitions of
system power on/off, clock on/off, and reset. A block diagram of the PSC is shown in Figure 3-5. Many of
the operations of the PSC are transparent to software, such as power-on-reset operations. However, the
PSC provides you with an interface to control several important clock and reset operations.
The PSC includes the following features:
•
Manages chip power-on/off, clock on/off, and resets
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Configurations
61
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com