Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 95 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 91Page - Texas Instruments DM368ZCEZ Datasheet HTML 92Page - Texas Instruments DM368ZCEZ Datasheet HTML 93Page - Texas Instruments DM368ZCEZ Datasheet HTML 94Page - Texas Instruments DM368ZCEZ Datasheet HTML 95Page - Texas Instruments DM368ZCEZ Datasheet HTML 96Page - Texas Instruments DM368ZCEZ Datasheet HTML 97Page - Texas Instruments DM368ZCEZ Datasheet HTML 98Page - Texas Instruments DM368ZCEZ Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 6-17. EDMA Registers (continued)
Offset
Acronym
Register Description
103Ch
SERH
Secondary Event Register High
1040h
SECR
Secondary Event Clear Register
1044h
SECRH
Secondary Event Clear Register High
1050h
IER
Interrupt Enable Register
1054h
IERH
Interrupt Enable Register High
1058h
IECR
Interrupt Enable Clear Register
105Ch
IECRH
Interrupt Enable Clear Register High
1060h
IESR
Interrupt Enable Set Register
1064h
IESRH
Interrupt Enable Set Register High
1068h
IPR
Interrupt Pending Register
106Ch
IPRH
Interrupt Pending Register High
1070h
ICR
Interrupt Clear Register
1074h
ICRH
Interrupt Clear Register High
1078h
IEVAL
Interrupt Evaluate Register
1080h
QER
QDMA Event Register
1084h
QEER
QDMA Event Enable Register
1088h
QEECR
QDMA Event Enable Clear Register
108Ch
QEESR
QDMA Event Enable Set Register
1090h
QSER
QDMA Secondary Event Register
1094h
QSECR
QDMA Secondary Event Clear Register
Shadow Region 0 Channel Registers
2000h
ER
Event Register
2004h
ERH
Event Register High
2008h
ECR
Event Clear Register
200Ch
ECRH
Event Clear Register High
2010h
ESR
Event Set Register
2014h
ESRH
Event Set Register High
2018h
CER
Chained Event Register
201Ch
CERH
Chained Event Register High
2020h
EER
Event Enable Register
2024h
EERH
Event Enable Register High
2028h
EECR
Event Enable Clear Register
202Ch
EECRH
Event Enable Clear Register High
2030h
EESR
Event Enable Set Register
2034h
EESRH
Event Enable Set Register High
2038h
SER
Secondary Event Register
203Ch
SERH
Secondary Event Register High
2040h
SECR
Secondary Event Clear Register
2044h
SECRH
Secondary Event Clear Register High
2050h
IER
Interrupt Enable Register
2054h
IERH
Interrupt Enable Register High
2058h
IECR
Interrupt Enable Clear Register
205Ch
IECRH
Interrupt Enable Clear Register High
2060h
IESR
Interrupt Enable Set Register
2064h
IESRH
Interrupt Enable Set Register High
2068h
IPR
Interrupt Pending Register
206Ch
IPRH
Interrupt Pending Register High
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
95
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com