Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 102 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 98Page - Texas Instruments DM368ZCEZ Datasheet HTML 99Page - Texas Instruments DM368ZCEZ Datasheet HTML 100Page - Texas Instruments DM368ZCEZ Datasheet HTML 101Page - Texas Instruments DM368ZCEZ Datasheet HTML 102Page - Texas Instruments DM368ZCEZ Datasheet HTML 103Page - Texas Instruments DM368ZCEZ Datasheet HTML 104Page - Texas Instruments DM368ZCEZ Datasheet HTML 105Page - Texas Instruments DM368ZCEZ Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 6-22. Switching Characteristics Over Recommended Operating Conditions for Asynchronous
Memory Cycles for AEMIF Module(1) (2) (3) (see Figure 6-13 and Figure 6-14) (continued)
DEVICE
UNI
NO.
PARAMETER
T
MIN
TYP
MAX
Output setup time, EM_A[21:0] valid to
8
tsu(EMBAV-EMOEL)
(RS + 1)*E
ns
EM_OE low
Output hold time, EM_OE high to
9
th(EMOEH-EMAIV)
(RH + 1)*E
ns
EM_A[21:0] invalid
EM_OE active low width (EW = 0)
(RST)*E
ns
10
tw(EMOEL)
EM_OE active low width (EW = 1)
(RST+(EWC*16))*E
ns
td(EMWAITH-
Delay time from EM_WAIT deasserted to
11
4E
ns
EMOEH)
EM_OE high
READS (OneNAND Synchronous Burst Read)
MH
32
fc(EM_CLK)
Frequency, EM_CLK
66
z
33
tc(EM_CLK)
Cycle time, EM_CLK
15.15
ns
tsu(EM_ADVV-
Output setup time, EM_ADV valid before
34
2E - 2.5
ns
EM_CLKH)
EM_CLK high
th(EM_CLKH-
Output hold time, EM_CLK high to EM_ADV
35
2E + 3
ns
EM_ADVIV)
invalid
tsu(EM_AV-
Output setup time, EM_A[21:0]/EM_BA[1]
36
2E - 2.5
ns
EM_CLKH)
valid before EM_CLK high
th(EM_CLKH-
Output hold time, EM_CLK high to
37
2E + 3
ns
EM_AIV)
EM_A[21:0]/EM_BA[1] invalid
38
tw(EM_CLKH)
Pulse duration, EM_CLK high
5.05
ns
39
tw(EM_CLKL)
Pulse duration, EM_CLK low
5.05
ns
WRITES
(WS + WST +
(WS + WST +
EMIF write cycle time (EW = 0)
WH + TA + 4) * E
WH + TA + 4) * E
ns
- 3
+ 3
15
tc(EMWCYCLE)
(WS + WST +
(WS + WST +
EMIF write cycle time (EW = 1)
WH + TA + 4) * E
WH + TA + 4) * E
ns
- 3
+ 3
Output setup time, EM_CE[1:0] low to
(WS+1) * E - 3
ns
EM_WE low (SS = 0)
16
tsu(EMCEL-EMWEL)
Output setup time, EM_CE[1:0] low to
(WS+1) * E - 3
ns
EM_WE low (SS = 1)
Output hold time, EM_WE high to
(WH+1) * E - 3
ns
EM_CE[1:0] high (SS = 0)
17
th(EMWEH-EMCEH)
Output hold time, EM_WE high to
(WH+1) * E - 3
ns
EM_CE[1:0] high (SS = 1)
Output setup time, EM_BA[1:0] valid to
20
tsu(EMBAV-EMWEL)
(WS+1) * E - 3
ns
EM_WE low
Output hold time, EM_WE high to
21
th(EMWEH-EMBAIV)
(WH+1) * E - 3
ns
EM_BA[1:0] invalid
Output setup time, EM_A[21:0] valid to
22
tsu(EMAV-EMWEL)
(WS+1) * E - 3
ns
EM_WE low
Output hold time, EM_WE high to
23
th(EMWEH-EMAIV)
(WH+1) * E - 3
ns
EM_A[21:0] invalid
EM_WE active low width (EW = 0)
(WST+1) * E - 3
ns
24
tw(EMWEL)
EM_WE active low width (EW = 1)
(WST+1) * E - 3
ns
td(EMWAITH-
Delay time from EM_WAIT deasserted to
25
4E + 3
ns
EMWEH)
EM_WE high
Output setup time, EM_D[15:0] valid to
26
tsu(EMDV-EMWEL)
(WS+1) * E - 3
ns
EM_WE low
Output hold time, EM_WE high to
27
th(EMWEH-EMDIV)
(WH+1) * E - 3
ns
EM_D[15:0] invalid
102
Peripheral Information and Electrical Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com