Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 8 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 8 Page - Intel Corporation

Back Button I960 Datasheet HTML 4Page - Intel Corporation I960 Datasheet HTML 5Page - Intel Corporation I960 Datasheet HTML 6Page - Intel Corporation I960 Datasheet HTML 7Page - Intel Corporation I960 Datasheet HTML 8Page - Intel Corporation I960 Datasheet HTML 9Page - Intel Corporation I960 Datasheet HTML 10Page - Intel Corporation I960 Datasheet HTML 11Page - Intel Corporation I960 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
2
ADVANCE INFORMATION
i960® Rx I/O Processor at 3.3 V
2.0
FUNCTIONAL OVERVIEW
As indicated in Figure 1, the 80960Rx combines
many features with the 80960JF to create an intelli-
gent I/O processor. Subsections following the figure
briefly describe the main features; for detailed func-
tional descriptions, refer to the
i960® RP Micropro-
cessor User’s Guide (272736).
The PCI bus is an industry standard, high perfor-
mance, low latency system bus that operates up to
132 Mbyte/s. The 80960Rx, a multi-function PCI
device, is fully compliant with the
PCI Local Bus
Specification Revision 2.1. Function 0 is the PCI-to-
PCI bridge unit; Function 1 is the address translation
unit.
The PCI-to-PCI bridge unit is the connection path
between two independent 32-bit PCI buses and
provides the ability to overcome PCI electrical load
limits. The addition of the i960 core processor brings
intelligence to the bridge.
The 80960Rx, object code compatible with the i960
core processor, is capable of sustained execution at
the rate of one instruction per clock.
The local bus, a 32-bit multiplexed burst bus, is a
high-speed interface to system memory and I/O. A
full complement of control signals simplifies the
connection of the 80960Rx to external components.
Physical
and
logical
memory
attributes
are
programmed via memory-mapped control registers
(MMRs), an extension not found on the i960 Kx, Sx
or Cx processors. Physical and logical configuration
registers enable the processor to operate with all
combinations of bus width and data object align-
ment.
Figure 1. i960
® Rx I/O Processor at 3.3 V Functional Block Diagram
PCI-to-PCI
Bridge Unit
i960® JF
Core
Processor
Secondary
PCI Arbitration
Unit
Secondary PCI Bus
Primary PCI Bus
Local Memory
I
2C Bus
Interface Unit
Memory
Controller
Internal
Arbitration
I2C Serial Bus
I/O APIC Bus
Interface Unit
I/O APIC Bus
Address
Translation
Unit
Two DMA
Channels
Address
Translation
Unit
One DMA
Channel
Message
Unit
Local Bus
Primary ATU
Secondary ATU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com