Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 29 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 29 Page - Intel Corporation

Back Button I960 Datasheet HTML 25Page - Intel Corporation I960 Datasheet HTML 26Page - Intel Corporation I960 Datasheet HTML 27Page - Intel Corporation I960 Datasheet HTML 28Page - Intel Corporation I960 Datasheet HTML 29Page - Intel Corporation I960 Datasheet HTML 30Page - Intel Corporation I960 Datasheet HTML 31Page - Intel Corporation I960 Datasheet HTML 32Page - Intel Corporation I960 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
23
Table 12. 352-Lead HL-PBGA Package — Signal Name Order (Sheet 1 of 4)
Signal
Ball #
AD0
A18
AD1
B18
AD2
C17
AD3
A17
AD4
B17
AD5
C16
AD6
A16
AD7
B16
AD8
C15
AD9
A15
AD10
B15
AD11
C14
AD12
A14
AD13
B14
AD14
C13
AD15
A13
AD16
B13
AD17
C12
AD18
A12
AD19
B12
AD20
C11
AD21
A11
AD22
B11
AD23
C10
AD24
A10
AD25
B10
AD26
C9
AD27
A9
AD28
B9
AD29
C8
AD30
A8
AD31
B8
ADS#
B21
ALE
C20
BE0#
A22
BE1#
B22
BE2#
C21
BE3#
A21
BLAST#
C23
CAS0#
F1
CAS1#
F2
CAS2#
G3
CAS3#
G1
CAS4#
G2
CAS5#
H3
CAS6#
H1
CAS7#
H2
CE0#
L3
CE1#
L1
D/C#/RST_MODE#
AF4
DACK#
AD3
DALE0
M1
DALE1
M2
DEN#
A23
DP0
C2
DP1
D3
DP2
D1
DP3
D2
DREQ#
AD2
DT/R#
B23
DWE0#
K1
DWE1#
K2
FAIL#
AD5
HOLD
V1
HOLDA
V3
ICEADS#
AC1
ICEBRK#
AA1
ICEBUS0
V2
ICEBUS1
W3
ICEBUS2
W1
ICEBUS3
W2
ICEBUS4
Y3
ICEBUS5
Y1
ICEBUS6
Y2
ICEBUS7
AA3
ICECLK
AB2
ICELOCK#
AB3
ICEMSG#
AA2
Signal
Ball #
ICESEL#
AC2
ICEVLD#
AB1
LEAF0
L2
LEAF1
M3
LOCK#/ONCE#
AD4
LRDYRCV#
C19
LRST#
AD6
MA0
C7
MA1
A7
MA2
B7
MA3
C6
MA4
B6
MA5
C5
MA6
A5
MA7
B5
MA8
C4
MA9
B4
MA10
C3
MA11
B3
MSGFRM#
AC3
MWE0#
J3
MWE1#
J1
MWE2#
J2
MWE3#
K3
NC
A20
NC
AE4
NC
B20
NC
C18
NMI#
T3
P_AD0
AD24
P_AD1
AE23
P_AD2
AF23
P_AD3
AD23
P_AD4
AE22
P_AD5
AF22
P_AD6
AD22
P_AD7
AE21
P_AD8
AD21
P_AD9
AE20
Signal
Ball #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com