Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 20 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 20 Page - Intel Corporation

Back Button I960 Datasheet HTML 16Page - Intel Corporation I960 Datasheet HTML 17Page - Intel Corporation I960 Datasheet HTML 18Page - Intel Corporation I960 Datasheet HTML 19Page - Intel Corporation I960 Datasheet HTML 20Page - Intel Corporation I960 Datasheet HTML 21Page - Intel Corporation I960 Datasheet HTML 22Page - Intel Corporation I960 Datasheet HTML 23Page - Intel Corporation I960 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
14
ADVANCE INFORMATION
TRST#
I
A(L)
TEST RESET asynchronously resets the Test Access Port (TAP) controller function
of IEEE 1149.1 Boundary Scan testing (JTAG). When using the Boundary Scan
feature, connect a pulldown resistor (1.5 K
Ω) between this signal and V
SS. When
TAP is not used, this signal must be connected to VSS; however, no resistor is
required. The signal has a weak internal pullup which must be overcome during reset
to ensure normal operation.
VCC
–
POWER. Connect to a 3.3 Volt VCC board plane.
VCC5
–
5 VOLT REFERENCE VOLTAGE. Input is the reference voltage for the 5 V-tolerant
I/O buffers. Connect this signal to +5 V for use with signals which exceed 3.3 V.
When all inputs are from 3.3 V components, connect this signal to 3.3 V.
VSS
–
GROUND. Connect to a VSS board plane.
N.C.
–
NO CONNECT. Do not make electrical connections to these balls.
VCCPLL3:1
I
PLL POWER. For external connection to a 3.3 V VCC board plane. Power to PLLs
requires external filtering.
Table 6. Interrupt Unit Signal Descriptions
NAME
TYPE
DESCRIPTION
NMI#
I
A(L)
NON-MASKABLE INTERRUPT causes a non-maskable interrupt event to occur.
NMI# is the highest priority interrupt source and is level-detect. When NMI# is
unused, it is recommended that you connect it to VCC.
S_INT[A:D]#/
XINT3:0#
I
A(L)
SECONDARY PCI BUS INTERRUPT
1 requests an interrupt. S_INTx# assertion
and deassertion is asynchronous to S_CLK. A device asserts S_INTx# when
requesting attention from its device driver. When S_INTx# is asserted, it remains
asserted until the device driver clears the pending request. S_INTx# Interrupts
are level sensitive.
EXTERNAL INTERRUPT. External devices use this signal to request an interrupt
service. These signals operate in dedicated mode, where each signal is assigned
a dedicated interrupt level.
The S_INT[A:D]#/XINT3:0# signals can be directed as follows:
Sec. PCI
Primary PCI
80960 Core Processor
S_INTA#
⇒
P_INTA#
or
XINT0#
S_INTB#
⇒
P_INTB#
or
XINT1#
S_INTC#
⇒
P_INTC#
or
XINT2#
S_INTD#
⇒
P_INTD#
or
XINT3#
XINT7:4#
I
A(L)
EXTERNAL INTERRUPT. External devices use this signal to request an interrupt
service. These signals operate in dedicated mode, where each signal is assigned
a dedicated interrupt level.
NOTE:
1. PCI signal functions are summarized in this data sheet; refer to the
PCI Local Bus Specification Revision
2.1 for a more complete definition.
Table 5. Power Requirement, Processor Control and Test Signal Descriptions (Sheet 2 of 2)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com