Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 31 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 31 Page - Intel Corporation

Back Button I960 Datasheet HTML 27Page - Intel Corporation I960 Datasheet HTML 28Page - Intel Corporation I960 Datasheet HTML 29Page - Intel Corporation I960 Datasheet HTML 30Page - Intel Corporation I960 Datasheet HTML 31Page - Intel Corporation I960 Datasheet HTML 32Page - Intel Corporation I960 Datasheet HTML 33Page - Intel Corporation I960 Datasheet HTML 34Page - Intel Corporation I960 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
25
Table 12. 352-Lead HL-PBGA Package — Signal Name Order (Sheet 3 of 4)
STEST
AE3
TCK
B24
TDI
D26
TDO
D25
TMS
C24
TRST#
C25
VCC
A1
VCC
A2
VCC
A24
VCC
A25
VCC
A26
VCC
AA23
VCC
AB4
VCC
AC6
VCC
AC8
VCC
AC10
VCC
AC12
VCC
AC14
VCC
AC16
VCC
AC18
VCC
AC20
VCC
AC22
VCC
AD1
VCC/VSS (1)
AD8
VCC
AD26
VCC
AE1
VCC
AE2
VCC
AE25
VCC
AE26
VCC
AF1
VCC
AF2
VCC
AF3
VCC
AF24
VCC
AF25
VCC
AF26
VCC
B1
VCC
B2
Signal
Ball #
VCC
B25
VCC
B26
VCC
C1
VCC
C26
VCC
D5
VCC
D7
VCC
D9
VCC
D11
VCC
D13
VCC
D15
VCC
D17
VCC
D19
VCC
D21
VCC
E23
VCC
F4
VCC
G23
VCC
H4
VCC
J23
VCC
K4
VCC
L23
VCC
M4
VCC
N23
VCC
P4
VCC
R23
VCC
T4
VCC
U23
VCC
V4
VCC
W23
VCC
Y4
VCC5
A3
VCCPLL1
A19
VCCPLL2
A6
VCCPLL3
A4
VSS
AA4
VSS
AB23
VSS
AC4
VSS
AC5
Signal
Ball #
VSS
AC7
VSS
AC9
VSS
AC11
VSS
AC13
VSS
AC15
VSS
AC17
VSS
AC19
VSS
AC21
VSS
AC23
VSS
D4
VSS
D6
VSS
D8
VSS
D10
VSS
D12
VSS
D14
VSS
D16
VSS
D18
VSS
D20
VSS
D22
VSS
D23
VSS
E4
VSS
F23
VSS
G4
VSS
H23
VSS
J4
VSS
K23
VSS
L4
VSS
M23
VSS
N4
VSS
P23
VSS
R4
VSS
T23
VSS
U4
VSS
V23
VSS
W4
VSS
Y23
W/R#
C22
Signal
Ball #
NOTES:
1. Ball AD8 must be tied to either VCC or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com