Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 70 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 70 Page - Intel Corporation

Back Button I960 Datasheet HTML 62Page - Intel Corporation I960 Datasheet HTML 63Page - Intel Corporation I960 Datasheet HTML 64Page - Intel Corporation I960 Datasheet HTML 65Page - Intel Corporation I960 Datasheet HTML 66Page - Intel Corporation I960 Datasheet HTML 67Page - Intel Corporation I960 Datasheet HTML 68Page - Intel Corporation I960 Datasheet HTML 69Page - Intel Corporation I960 Datasheet HTML 70Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 70 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
64
ADVANCE INFORMATION
6.0
DEVICE IDENTIFICATION ON RESET
During the manufacturing process, values characterizing the i960 Rx I/O processor type and stepping are
programmed into the memory-mapped registers. The i960 Rx I/O processor contains two read-only device ID
MMRs. One holds the Processor Device ID (PDIDR - 0000 1710H) and the other holds the i960 Core
Processor Device ID (DEVICEID - FF00 8710H). During initialization, the PDIDR is placed in g0.
The device identification values are compliant with the IEEE 1149.1 specification and Intel standards. Table 32
describes the fields of the two Device IDs.
NOTE:
Values programmed into this register vary with stepping. Refer to the
i960® Rx I/O Processor Specifi-
cation Update (272918) for the correct value.
Table 32. Processor Device ID Register - PDIDR
LBA:
PCI:
1710H
NA
Legend:
NA = Not Accessible
RO = Read Only
RV = Reserved
PR = Preserved
RW = Read/Write
RS = Read/Set
RC = Read Clear
LBA = 80960 Local Bus Address PCI = PCI Configuration Address Offset
Bit
Default
Description
31:28
X
Version - Indicates stepping changes.
27
X
VCC - Indicates device voltage type.
0=5.0V
1=3.3V
26:21
X
Product Type - Indicates the generation or “family member”.
20:17
X
Generation Type - Indicates the generation of the device.
16:12
X
Model Type - Indicates member within a series and specific model information.
11:01
X
Manufacturer ID - Indicates manufacturer ID assigned by IEEE.
0000 0001 001 = Intel Corporation
0
1
Constant
PCI
LBA
28
24
20
16
12
8
4
0
31
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na
ro
na



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com