Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 1 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 1 Page - Intel Corporation

  I960 Datasheet HTML 1Page - Intel Corporation I960 Datasheet HTML 2Page - Intel Corporation I960 Datasheet HTML 3Page - Intel Corporation I960 Datasheet HTML 4Page - Intel Corporation I960 Datasheet HTML 5Page - Intel Corporation I960 Datasheet HTML 6Page - Intel Corporation I960 Datasheet HTML 7Page - Intel Corporation I960 Datasheet HTML 8Page - Intel Corporation I960 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
© INTEL CORPORATION, 1997
September, 1997
Order Number: 273001-002
ADVANCE INFORMATION
i960® RP/RD I/O PROCESSOR AT 3.3 VOLTS
• 33 MHz, 3.3 Volt Version (80960RP 33/3.3)
• 66 MHz, 3.3 Volt Version (80960RD 66/3.3) - Clock Doubled 80960JF Core
• Complies with PCI Local Bus Specification Revision 2.1
• 5 Volt PCI Signalling Environment
s High Performance 80960JF Core
— Sustained One Instruction/Clock
Execution
— 4 Kbyte Two-Way Set-Associative
Instruction Cache
— 2 Kbyte Direct-Mapped Data Cache
— Sixteen 32-Bit Global Registers
— Sixteen 32-Bit Local Registers
— Programmable Bus Widths:
8-, 16-, 32-Bit
— 1 Kbyte Internal Data RAM
— Local Register Cache
(Eight Available Stack Frames)
— Two 32-Bit On-Chip Timer Units
s PCI-to-PCI Bridge Unit
— Primary and Secondary PCI Interfaces
— Two 64-Byte Posting Buffers
— Delayed and Posted Transaction
Support
— Forwards Memory, I/O, Configuration
Commands from PCI Bus to PCI Bus
s Two Address Translation Units
— Connects Local Bus to PCI Buses
— Inbound/Outbound Address Translation
Support
— Direct Outbound Addressing Support
s Messaging Unit
— Four Message Registers
— Two Doorbell Registers
— Four Circular Queues
— 1004 Index Registers
s Memory Controller
— 256 Mbytes of 32- or 36-Bit DRAM
— Interleaved or Non-Interleaved DRAM
— Fast Page-Mode DRAM Support
— Extended Data Out and Burst
— Extended Data Out DRAM Support
— Two Independent Banks for SRAM / ROM
/ Flash (16 Mbytes/Bank; 8- or 32-Bit)
s
DMA Controller
— Three Independent Channels
— PCI Memory Controller Interface
— 32-Bit Local Bus Addressing
— 64-Bit PCI Bus Addressing
— Independent Interface to Primary and
Secondary PCI Buses
— 132 Mbyte/sec Burst Transfers to PCI
and Local Buses
— Direct Addressing to and from PCI
Buses
— Unaligned Transfers Supported in
Hardware
— Two Channels Dedicated to Primary
PCI Bus
— One Channel Dedicated to Secondary
PCI Bus
s
I/O APIC Bus Interface Unit
— Multiprocessor Interrupt Management
for Intel Architecture CPUs
(Pentium® and Pentium® Pro
Processors)
— Dynamic Interrupt Distribution
— Multiple I/O Subsystem Support
s
I2C Bus Interface Unit
—Serial Bus
— Master/Slave Capabilities
— System Management Functions
s
Secondary PCI Arbitration Unit
— Supports Six Secondary PCI Devices
— Multi-priority Arbitration Algorithm
— External Arbitration Support Mode
s
Private PCI Device Support
s
SuperBGA* Package
— 352 Ball-Grid Array (HL-PBGA)


Similar Part No. - I960

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
9600 baud Transparent Data Link IC
I9600-000-DIL RADIOMETRIX-I9600-000-DIL Datasheet
416Kb / 7P
9600 baud Transparent Data Link IC
More results

Similar Description - I960

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
UPI-452 INTEL-UPI-452 Datasheet
499Kb / 53P
CHMOS PROGRAMMABLE I/O PROCESSOR
logo
SMSC Corporation
SP37E760 SMSC-SP37E760 Datasheet
510Kb / 78P
3.3 V I/O CONTROLLER FOR EMBEDDED APPLICATIONS
logo
List of Unclassifed Man...
MX839 ETC-MX839 Datasheet
165Kb / 20P
Digitally Controlled Analog I/O Processor
logo
EUROQUARTZ limited
OC14T33A EUROQUARTZ-OC14T33A Datasheet
106Kb / 1P
AT-Cut Crystal - Square Wave - 3.3 Volts
logo
Intel Corporation
273943-004US INTEL-273943-004US Datasheet
1Mb / 68P
Intel 80331 I/O Processor
80333 INTEL-80333 Datasheet
1Mb / 75P
I/O Processor
logo
CML Microcircuits
MX839 CMLMICRO-MX839 Datasheet
169Kb / 20P
Digitally Controlled Analog I/O Processor
logo
Intel Corporation
QG80331M500SL9BE INTEL-QG80331M500SL9BE Datasheet
804Kb / 67P
Intel 80331 I/O Processor Specification Update
QG80333M500SL8CC INTEL-QG80333M500SL8CC Datasheet
525Kb / 48P
Intel 80333 I/O Processor Specification Update
FW80321M400 INTEL-FW80321M400 Datasheet
398Kb / 54P
80321 I/O Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com