Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 42 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 42 Page - Intel Corporation

Back Button I960 Datasheet HTML 38Page - Intel Corporation I960 Datasheet HTML 39Page - Intel Corporation I960 Datasheet HTML 40Page - Intel Corporation I960 Datasheet HTML 41Page - Intel Corporation I960 Datasheet HTML 42Page - Intel Corporation I960 Datasheet HTML 43Page - Intel Corporation I960 Datasheet HTML 44Page - Intel Corporation I960 Datasheet HTML 45Page - Intel Corporation I960 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
36
ADVANCE INFORMATION
Table 19. ICC Characteristics
Symbol
Parameter
Typ
Max
Units
Notes
ILI1
Input Leakage Current for each signal except
PCI Bus Signals, LOCK#/ONCE#,
WIDTH/HLTD0, WIDTH/HLTD1/RETRY,
BLAST#, D/C#/RST_MODE#, DEN#,TMS,
TRST#, TDI
± 80
µA0 ≤ V
IN ≤ VCC
ILI2
Input Leakage Current for LOCK#/ONCE#,
WIDTH/HLTD0, WIDTH/HLTD1/RETRY,
BLAST#, D/C#/RST_MODE#, DEN#, TMS,
TRST#, TDI
-140
-250
µAV
IN = 0.45 V (1)
ILI3
Input Leakage Current for PCI Bus Signals
± 5
µA0 ≤ V
IN ≤ VCC
ILO
Output Leakage Current
± 5
µA0.4 ≤ V
OUT ≤ VCC
ICC Active
(Power Supply)
Power Supply Current
80960RP 33/3.3
80960RD 66/3.3
1.00
1.30
A
(1,2)
ICC Active
(Thermal)
Thermal Current
80960RP 33/3.3
80960RD 66/3.3
0.75
0.95
A
(1,3)
ICC Active
(Power Modes)
Reset Mode
80960RP 33/3.3
80960RD 66/3.3
ONCE Mode
80960RP 33/3.3
80960RD 66/3.3
0.65
0.80
0.02
0.02
A(4)
(4)
NOTES:
1. Measured with device operating and outputs loaded to the test condition in Figure 8.
2. ICC Active (Power Supply) value is provided for selecting your system’s power supply. It is measured using one of the
worst case instruction mixes with VCC = 3.6 V and ambient temperature = 55 ° C. This parameter is characterized but not
tested.
3. ICC Active (Thermal) value is provided for your system’s thermal management. Typical ICC is measured with VCC = 3.3 V
and ambient temperature = 55 ° C. This parameter is characterized but not tested.
4. ICC Active (Power modes) refers to the ICC values that are tested when the device is in Reset mode or ONCE mode with
VCC = 3.6 V and ambient temperature = 55 ° C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com