Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 14 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 14 Page - Intel Corporation

Back Button I960 Datasheet HTML 10Page - Intel Corporation I960 Datasheet HTML 11Page - Intel Corporation I960 Datasheet HTML 12Page - Intel Corporation I960 Datasheet HTML 13Page - Intel Corporation I960 Datasheet HTML 14Page - Intel Corporation I960 Datasheet HTML 15Page - Intel Corporation I960 Datasheet HTML 16Page - Intel Corporation I960 Datasheet HTML 17Page - Intel Corporation I960 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
8
ADVANCE INFORMATION
3.0
PACKAGE INFORMATION
3.1
Package Introduction
The 80960Rx is offered in a SuperBGA* Ball Grid
Array (HL-PBGA) package. This is a perimeter array
package with four rows of ball connections in the
outer area of the package. See Figure 4, 352L HL-
PBGA Package Diagram (Bottom View) (pg. 22).
Section
3.1.1,
Functional
Signal
Definitions
describes signal function; Section 3.1.2, 352-Lead
HL-PBGA Package defines the signal and ball loca-
tions.
3.1.1
Functional Signal Definitions
Table 3 presents the legend for interpreting the Type
Field in the following tables. Table 4 defines signals
associated with the bus interface. Table 5 defines
signals associated with basic control and test func-
tions. Table 6 defines signals associated with the
Interrupt Unit. Table 7 defines PCI signals. Table 8
defines Memory Controller signals. Table 9 defines
DMA, APIC and I
2C signals. Table 10 defines clock
signals. Table 11 defines ICE signals.
Table 3. Signal Type Definition
Symbol
Description
I
Input signal only.
O
Output signal only.
I/O
Signal can be either an input or output.
OD
Open Drain signal.
–
Signal must be connected as described.
S (...)
Synchronous. Inputs must meet setup
and hold times relative to S_CLK.
S(E) Edge sensitive input
S(L) Level sensitive input
A (...)
Asynchronous. Inputs may be
asynchronous relative to S_CLK.
A(E) Edge sensitive input
A(L) Level sensitive input
R (...)
While the P_RST# signal is asserted,
the signal:
R(1) is driven to VCC
R(0) is driven to VSS
R(Q) is a valid output
R(Z) Floats
R(H) is pulled up to VCC
R(X) is driven to an unknown state
H (...)
While the 80960Rx is in the hold state,
the signal:
H(1) is driven to VCC
H(0) is driven to VSS
H(Q) Maintains previous state or
continues to be a valid output
H(Z) Floats
P (...)
While the 80960Rx is halted, the signal:
P(1) is driven to VCC
P(0) is driven to VSS
P(Q) Maintains previous state or
continues to be a valid output
K (...)
While the Secondary PCI Bus is being
parked, the signal:
K(Z) Floats
K(Q) Maintains previous state or
continues to be a valid output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com